Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 1 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 1 Page - Intel Corporation

  LXT386LE Datasheet HTML 1Page - Intel Corporation LXT386LE Datasheet HTML 2Page - Intel Corporation LXT386LE Datasheet HTML 3Page - Intel Corporation LXT386LE Datasheet HTML 4Page - Intel Corporation LXT386LE Datasheet HTML 5Page - Intel Corporation LXT386LE Datasheet HTML 6Page - Intel Corporation LXT386LE Datasheet HTML 7Page - Intel Corporation LXT386LE Datasheet HTML 8Page - Intel Corporation LXT386LE Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
LXT386
QUAD T1/E1/J1 Transceiver
Datasheet
The LXT386 is a quad short haul Pulse Code Modulation (PCM) transceiver for use in both
1.544 Mbps (T1) and 2.048 Mbps (E1) applications. It incorporates four independent receivers
and four independent transmitters in a single PBGA-160 or LQFP-100 package.
The transmit drivers provide low impedance independent of the transmit pattern and supply
voltage variations.The LXT386 transmits shaped waveforms meeting G.703 and T1.102
specifications. The LXT386 exceeds the latest transmit return loss specifications, such as ETSI
ETS-300166.
The LXT386’s differential receiver architecture provides high noise interference margin and is
able to work with up to 12 dB of cable attenuation. The digital clock recovery PLL and jitter
attenuator are referenced to a low frequency 1.544 MHz or 2.048 MHz clock.
The LXT386 incorporates an advanced crystal-less jitter attenuator switchable between the
receive and transmit path. The jitter attenuation performance meets the latest international
specifications such as CTR12/13. The jitter attenuation performance was optimized for
Synchronous Optical NETwork/Synchronous Digital Hierarchy (SONET/SDH) applications.
The LXT386 can be configured as a 3 channel transceiver with G.772 compliant non intrusive
protected monitoring points. It uses a single 3.3V supply for low power consumption.
The constant delay characteristic of the LXT386 JA as well as a power down mode of all
transmitters allows the implementation of Hitless Protection Switching (HPS) applications
without the use of relays.
Applications
s
SONET/SDH tributary interfaces
s
Digital cross connects
s
Public/private switching trunk line
interfaces
s
Microwave transmission systems
s
M13, E1-E3 MUX
As of January 15, 2001, this document replaces the Level One document
Order Number: 249253-001
LXT386 — QUAD T1/E1/J1 Transceiver¶ Font>.
January 2001


Similar Part No. - LXT386LE

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LXT380 PULSE-LXT380 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
Octal E1 Line Interface Unit
More results

Similar Description - LXT386LE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
Octal T1/E1/J1 Transceiver
REV: 012405
logo
Dallas Semiconductor
DS21458 DALLAS-DS21458 Datasheet
1Mb / 270P
Quad T1/E1/J1 Transceivers
logo
Maxim Integrated Produc...
DS26522 MAXIM-DS26522 Datasheet
1Mb / 258P
Dual T1/E1/J1 Transceiver
REV: 102106
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 102106
logo
Dallas Semiconductor
DS26528 DALLAS-DS26528_07 Datasheet
1Mb / 276P
Octal T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
Single T1/E1/J1 Transceiver
REV: 111606
DS21458DK MAXIM-DS21458DK Datasheet
1Mb / 32P
Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 012506
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com