Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 49 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 49 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 45Page - Intel Corporation LXT386LE Datasheet HTML 46Page - Intel Corporation LXT386LE Datasheet HTML 47Page - Intel Corporation LXT386LE Datasheet HTML 48Page - Intel Corporation LXT386LE Datasheet HTML 49Page - Intel Corporation LXT386LE Datasheet HTML 50Page - Intel Corporation LXT386LE Datasheet HTML 51Page - Intel Corporation LXT386LE Datasheet HTML 52Page - Intel Corporation LXT386LE Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
49
LOOP0
I/O
PDO0
LOOP1
I/O
PADI1
LOOP1
I/O
PDO1
LOOP2
I/O
PADI2
LOOP2
I/O
PDO2
LOOP3
I/O
PADI3
LOOP3
I/O
PDO3
LOOP4
I/O
PADI4
LOOP4
I/O
PDO4
LOOP5
I/O
PADI5
LOOP5
I/O
PDO5
LOOP6
I/O
PADI6
LOOP6
I/O
PDO6
LOOP7
I/O
PADI7
N/A
-
PDOENB
PDOENB controls the LOOP0 through LOOP7 pins.
Setting PDOENB to “0” configures the pins as outputs. The output value
to the pin is set in PDO[0..7].
Setting PDOENB to “1” tristates all the pins. The input value to the pins
can be read in PADD[0..7].
LOOP7
I/O
PDO7
CS
ICSB
MUX
I
MUX
RESET
IRSTB
MOT/INTL
I
IMB
R/W
I
RDB
DS
IWRB
TCLK1
I
TCLK1
TPOS1
I
TPOS1
TNEG1
I
TNEG1
RCLK1
O
RCLK1
RPOS1
O
RPOS1
N/A
-
HIZ1
HIZ1 controls the RPOS1, RNEG1 and RCLK1 pins. Setting HIZ1 to “0”
enables output on the pins. Setting HIZ1 to “1” tristates the pins.
RNEG1
O
RNEG1
LOS1
O
LOS1
TCLK0
I
TCLK0
TPOS0
I
TPOS0
TNEG0
I
TNEG0
RCLK0
O
RCLK0
Example 1. Boundary Scan Register (BSR) (Continued)
Bit #
Pin
Signal
I/O
Type
Bit
Symbol
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com