Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 74 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 74 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 70Page - Intel Corporation LXT386LE Datasheet HTML 71Page - Intel Corporation LXT386LE Datasheet HTML 72Page - Intel Corporation LXT386LE Datasheet HTML 73Page - Intel Corporation LXT386LE Datasheet HTML 74Page - Intel Corporation LXT386LE Datasheet HTML 75Page - Intel Corporation LXT386LE Datasheet HTML 76Page - Intel Corporation LXT386LE Datasheet HTML 77Page - Intel Corporation LXT386LE Datasheet HTML 78Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
74
Datasheet
Figure 34. Jitter Transfer Performance
E1
T1
-60 dB
-40 dB
-30 dB
-20 dB
-10 dB
0 dB
10 dB
0.5 dB @ 40Hz
-19.5 dB @ 400 Hz
-19.5 dB @ 20 kHz
ITU G.736 Template
0.5 dB @ 3Hz
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz 100 kHz
Frequency
-80 dB
LXT386 typ.
f
3dB =2.5 Hz
f
3dB =3.5 Hz
-60 dB
-40 dB
-30 dB
-20 dB
-10 dB
0 dB
10 dB
0 dB @ 1 Hz
0 dB @ 20 Hz
-33.3 dB @ 1 kHz
-40 dB @ 70 kHz
-60 dB @ 57 Hz
-6 dB @
2 Hz
-40 dB @ 1.4 kHz
TR-TSY-000009
0.5 dB @ 350 Hz
-33.7 dB @ 2.5kHz
-49.2 dB @ 15kHz
0.1 dB @ 40 Hz
GR-253-CORE
AT&T Pub 62411
Frequency
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
-80 dB
f
3dB = 3 Hz
f
3dB = 6 Hz
LXT386 typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com