Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 25 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 25 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 21Page - Intel Corporation LXT386LE Datasheet HTML 22Page - Intel Corporation LXT386LE Datasheet HTML 23Page - Intel Corporation LXT386LE Datasheet HTML 24Page - Intel Corporation LXT386LE Datasheet HTML 25Page - Intel Corporation LXT386LE Datasheet HTML 26Page - Intel Corporation LXT386LE Datasheet HTML 27Page - Intel Corporation LXT386LE Datasheet HTML 28Page - Intel Corporation LXT386LE Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
25
3.2.2.1
E1 Mode
One detection mode suitable for both ETSI and ITU is available when the LACS register bits are
cleared to zero. If the LACS register bit is set to one, see errata 10.3 to implement this:
ETSI ETS300233 and G.775 detection
The AIS condition is declared when the received data stream contains less than 3 zeros within a
period of 512 bits.
The AIS condition is cleared when 3 or more zeros within 512 bits are detected.
3.2.2.2
T1 Mode
ANSI T1.231 detection is employed.
The AIS condition is declared when less than 9 zeros are detected in any string of 8192 bits. This
corresponds to a 99.9% ones density over a period of 5.3ms.
The AIS condition is cleared when the received signal contains 9 or more zeros in any string of
8192 bits.
3.2.3
In Service Code Violation Monitoring
In unipolar I/O mode with HDB3/B8ZS decoding, the LXT386 reports bipolar violations on
RNEG/BPV for one RCLK period for every HDB3/B8ZS code violation that is not part of the zero
code substitution rules. In AMI mode, all bipolar violations (two consecutive pulses with the same
polarity) are reported at the BPV output.
3.3
Transmitter
The four low power transmitters of the LXT386 are identical.
Transmit data is clocked serially into the device at TPOS/TNEG in the bipolar mode or at TDATA
in the unipolar mode. The transmit clock (TCLK) supplies the input synchronization. Unipolar I/O
and HDB3/B8ZS/AMI encoding/decoding is selected by pulling TNEG High for more than 16
consecutive TCLK clock cycles. The transmitter samples TPOS/TNEG or TDATA inputs on the
falling edge of TCLK. Refer to the Test Specifications Section for MCLK and TCLK timing
characteristics. If TCLK is not supplied, the transmitter remains powered down and the TTIP/
TRING outputs are held in a High Z state. In addition, fast output tristatability is also available
through the OE pin (all ports) and/or the port’s OEx bit in the Output Enable Register (OER).
Zero suppression is available only in Unipolar Mode. The two zero-suppression types are B8ZS,
used in T1 environments, and HDB3, used in E1 environments. The scheme selected depends on
whether the device is set for T1 or E1 operation (determined by LEN2-0 pulse shaping settings).
The LXT386 also supports AMI line coding/decoding as shown in Figure 6. In Hardware mode,
AMI coding/decoding is selected by the CODEN pin. In host mode, AMI coding/decoding is
selected by bit 4 in the GCR (Global Control Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com