Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 10Page - Intel Corporation LXT386LE Datasheet HTML 11Page - Intel Corporation LXT386LE Datasheet HTML 12Page - Intel Corporation LXT386LE Datasheet HTML 13Page - Intel Corporation LXT386LE Datasheet HTML 14Page - Intel Corporation LXT386LE Datasheet HTML 15Page - Intel Corporation LXT386LE Datasheet HTML 16Page - Intel Corporation LXT386LE Datasheet HTML 17Page - Intel Corporation LXT386LE Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
14
Datasheet
N1
19
TCLK0
DI
Transmit Clock. During normal operation TCLK is active, and TPOS and
TNEG are sampled on the falling edge of TCLK. If TCLK is Low, the output
drivers enter a low power high Z mode. If TCLK is High for more than 16
clock cycles the pulse shaping circuit is disabled and the transmit output
pulse widths are determined by the TPOS and TNEG duty cycles.
When pulse shaping is disabled, it is possible to overheat and damage the
LXT384 device by leaving transmit inputs high continuously. For example
a programmable ASIC might leave all outputs high until it is programmed.
To prevent this, clock one of these signals: TPOS, TNEG, TCLK or MCLK.
Another solution is to set one of these signals low: TPOS, TNEG, TCLK,
or OE.
Note that the TAOS generator uses MCLK as a timing reference. In order
to assure that the output frequency is within specification limits, MCLK
must have the applicable stability.
N2
20
TPOS0/
TDATA0
DI
DI
Transmit Positive Data.
Transmit Data.
Transmit Negative Data.
Unipolar/Bipolar Select.
Bipolar Mode:
TPOS/TNEG are active high NRZ inputs. TPOS indicates the transmission
of a positive pulse whereas TNEG indicates the transmission of a negative
pulse.
Unipolar Mode:
When TNEG/UBS is pulled High for more than 16 consecutive TCLK clock
cycles, unipolar I/O is selected. In unipolar mode, B8ZS/HDB3 or AMI
encoding/decoding is determined by the CODEN pin (hardware mode) or
by the CODEN bit in the GCR register (software mode).
TDATA is the data input in unipolar I/O mode.
N3
21
TNEG0/
UBS0
DI
DI
Table 1.
Pin Assignments and Signal Descriptions (Continued)
Ball #
PBGA
Pin #
LQFP
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not Connected.
2. N/C means “Not Connected”
TCLK
Operating Mode
Clocked
Normal operation
H
TAOS (if MCLK supplied)
H
Disable transmit pulse shaping (when
MCLK is not available)
L
Driver outputs enter tri-state
TPOS
TNEG
Selection
0
0
Space
1
0
Positive Mark
0
1
Negative Mark
1
1
Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com