Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 2Page - STMicroelectronics L6730D Datasheet HTML 3Page - STMicroelectronics L6730D Datasheet HTML 4Page - STMicroelectronics L6730D Datasheet HTML 5Page - STMicroelectronics L6730D Datasheet HTML 6Page - STMicroelectronics L6730D Datasheet HTML 7Page - STMicroelectronics L6730D Datasheet HTML 8Page - STMicroelectronics L6730D Datasheet HTML 9Page - STMicroelectronics L6730D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Electrical data
L6730C - L6730D
6/50
2
Electrical data
2.1
Maximum rating
Table 1.
Absolute maximum ratings
2.2
Thermal data
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
VCC
VCC to GND and PGND, OCH, PGOOD
-0.3 to 18
V
VBOOT - VPHASE Boot Voltage
0 to 6
V
VHGATE - VPHASE
0 to VBOOT - VPHASE
V
VBOOT
BOOT
-0.3 to 24
V
VPHASE
PHASE
-1 to 18
V
PHASE Spike, transient < 50ns (FSW = 500KHz)
-3
+24
SS, FB, EAREF, SYNC, OSC, OCL, LGATE, COMP, S/O/
U, TMASK, PGOODELAY, VCCDR
-0.3 to 6
V
OCH Pin
Maximum Withstanding Voltage Range
Test Condition: CDF-AEC-Q100-002 "Human Body Model"
Acceptance Criteria: "Normal Performance"
±1500
V
PGOOD Pin
±1000
OTHER PINS
±2000
Symbol
Description
HTSSOP20
QFN4x4
Unit
RthJA
(1)
1.
Package mounted on demoboard
Max. Thermal Resistance Junction to ambient
50
30
°C/W
TSTG
Storage temperature range
-40 to +150
°C
TJ
Junction operating temperature range
-40 to +125
°C
TA
Ambient operating temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com