Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 3Page - STMicroelectronics L6730D Datasheet HTML 4Page - STMicroelectronics L6730D Datasheet HTML 5Page - STMicroelectronics L6730D Datasheet HTML 6Page - STMicroelectronics L6730D Datasheet HTML 7Page - STMicroelectronics L6730D Datasheet HTML 8Page - STMicroelectronics L6730D Datasheet HTML 9Page - STMicroelectronics L6730D Datasheet HTML 10Page - STMicroelectronics L6730D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
L6730C - L6730D
Pin connections and functions
7/50
3
Pin connections and functions
Figure 2.
Pins connection (top view)
1.
In the L6730D the multifunction pin is: CC/OVP/UVLO.
Table 3.
Pins connection
Pin n.
Name
Description
1
PGOOD DELAY
Connecting a capacitor between this pin and ground a delay is introduced
between the trigger of the internal PGOOD comparator and the external signal
rising edge. No delay can be introduced on the falling edge of the PGOOD
signal. The delay can be calculated with the following formula:
2
SYNCH
It is a Master-Slave pin. Two or more devices can be synchronized by simply
connecting the SYNCH pins together. The device operating with the highest
FSW will be the Master. The Slave devices will operate with 180° phase shift
from the Master. The best way to synchronize devices together is to set their
FSW at the same value. If it is not used the SYNCH pin can be left floating.
3
SINK/OVP/UVLO
L6730C
CC/OVP/UVLO
L6730D
With this pin it is possible:
– To enable-disable the sink mode current capability after SS (L6730C);
– To enable-disable the constant current OCP after SS (L6730D);
– To enable-disable the latch mode for the OVP;
– To set the UVLO threshold for the 5V BUS and 12V BUS.
The device captures the analog value present at this pin at the start-up when
VCC meets the UVLO threshold.
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
HTSSOP20
10
17
18
19
20
OSC
SS/INH
CO MP
FB
GN D
SYNCH
PGOOD DELAY
TM ASK
EAREF
PGOOD
PHASE
HGATE
BOOT
VCC
VCCDR
LGATE
OCL
OCH
PGND
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
HTSSOP20
10
17
18
19
20
OSC
SS/INH
CO MP
FB
GN D
SYNCH
PGOOD DELAY
TM ASK
EAREF
PGOOD
PHASE
HGATE
BOOT
VCC
VCCDR
LGATE
OCL
OCH
PGND
SINK/OVP/UVLO
HTSSOP20
QFN 4x4 24L
()
pF
C
PGDelay
⋅
= 5
.
0
[µs]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com