Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 41Page - STMicroelectronics L6730D Datasheet HTML 42Page - STMicroelectronics L6730D Datasheet HTML 43Page - STMicroelectronics L6730D Datasheet HTML 44Page - STMicroelectronics L6730D Datasheet HTML 45Page - STMicroelectronics L6730D Datasheet HTML 46Page - STMicroelectronics L6730D Datasheet HTML 47Page - STMicroelectronics L6730D Datasheet HTML 48Page - STMicroelectronics L6730D Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
L6730C - L6730D
POL Demoboard
45/50
R11
15Ω 1% 100mW
Neohm
SMD 0603
IFARCAD
R12
4K7 1% 100mW
Neohm
SMD 0603
IFARCAD
R13
1K 1% 100mW
Neohm
SMD 0603
IFARCAD
R14
2.2Ω
Neohm
SMD 0603
IFARCAD
R15
2.2Ω
Neohm
SMD 0603
IFARCAD
C1-C7
220nF
Kemet
SMD 0603
IFARCAD
C6- C19-C20-C9
100nF
Kemet
SMD 0603
IFARCAD
C2
1nF
Kemet
SMD 0603
IFARCAD
C11
N.C.
C12
68nF
Kemet
SMD 0603
IFARCAD
C13
220pF
Kemet
SMD0603
IFARCAD
C8
4.7uF 20V
AVX
SMA6032
IFARCAD
C14
6.8nF
Kemet
SMD 0603
IFARCAD
C3-C4-C5
15uF
TDK MLC
C4532X5R1E156M
SMD1812
IFARCAD
C15-C16-C17-C18
100uF
PANASONIC MLC P/N
ECJ4YBOJ107M
SMD 1210
IFARCAD
L1
1.8uH
Panasonic
SMD
ST
D1
STS1L30M
ST
DO216AA
ST
Q1
STS12NH3LL
ST
POWER SO8
ST
Q2
STSJ100NH3LL
ST
POWER SO8
ST
U1
L6730
ST
HTSSOP20
ST
Figure 41. Pol Demoboard efficiency
Table 12.
Pol demoboard part list.
12V-->3.3V@400KHz
0.82
0.84
0.86
0.88
0.9
0.92
0.94
13
5
7
9
11
OUTPUT CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com