Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 31Page - STMicroelectronics L6730D Datasheet HTML 32Page - STMicroelectronics L6730D Datasheet HTML 33Page - STMicroelectronics L6730D Datasheet HTML 34Page - STMicroelectronics L6730D Datasheet HTML 35Page - STMicroelectronics L6730D Datasheet HTML 36Page - STMicroelectronics L6730D Datasheet HTML 37Page - STMicroelectronics L6730D Datasheet HTML 38Page - STMicroelectronics L6730D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
L6730C - L6730D
L6730 Demoboard
35/50
7
L6730 Demoboard
7.1
Description
L6730 demoboard realizes in a four layer PCB a step-down DC/DC converter and shows the
operation of the device in a general purpose application. The input voltage can range from 4.5V
to 14V and the output voltage is at 3.3V. The module can deliver an output current in excess of
30A. The switching frequency is set at 400 KHz (controller free-running FSW) but it can be
increased up to 1MHz. A 7 positions dip-switch allows to select the UVLO threshold (5V or 12V
Bus), the OVP intervention mode and the sink-mode current capability.
Figure 29. Demoboard picture.
Top side
Bottom side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com