Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 42Page - STMicroelectronics L6730D Datasheet HTML 43Page - STMicroelectronics L6730D Datasheet HTML 44Page - STMicroelectronics L6730D Datasheet HTML 45Page - STMicroelectronics L6730D Datasheet HTML 46Page - STMicroelectronics L6730D Datasheet HTML 47Page - STMicroelectronics L6730D Datasheet HTML 48Page - STMicroelectronics L6730D Datasheet HTML 49Page - STMicroelectronics L6730D Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Package mechanical data
L6730C - L6730D
48/50
Figure 43. Package dimensions
Table 14.
QFN 4mm x 4mm 24L mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.00
39.4
A1
0.00
0.05
0.0
2.0
b
0.18
0.30
7.1
11.8
D
3.9
4.1
153.5
161.4
D2
1.95
2.25
76.8
88.6
E
3.9
4.1
153.5
161.4
E2
1.95
2.25
76.8
88.6
e
0.50
19.7
L
0.40
0.60
15.7
23.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com