Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 27Page - STMicroelectronics L6730D Datasheet HTML 28Page - STMicroelectronics L6730D Datasheet HTML 29Page - STMicroelectronics L6730D Datasheet HTML 30Page - STMicroelectronics L6730D Datasheet HTML 31Page - STMicroelectronics L6730D Datasheet HTML 32Page - STMicroelectronics L6730D Datasheet HTML 33Page - STMicroelectronics L6730D Datasheet HTML 34Page - STMicroelectronics L6730D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
L6730C - L6730D
Application details
31/50
6.2
Output capacitors
The output capacitors are basic components for the fast transient response of the power
supply. They depend on the output voltage ripple requirements, as well as any output voltage
deviation requirement during a load transient. During a load transient, the output capacitors
supply the current to the load or absorb the current stored into the inductor until the converter
reacts. In fact, even if the controller recognizes immediately the load transient and sets the duty
cycle at 100% or 0%, the current slope is limited by the inductor value. The output voltage has
a first drop due to the current variation inside the capacitor (neglecting the effect of the ESL):
Moreover, there is an additional drop due to the effective capacitor discharge or charge that is
given by the following formulas:
Formula (8) is valid in case of positive load transient while the formula (9) is valid in case of
negative load transient. DMAX is the maximum duty cycle value that in the L6730C - L6730D is
100%. For a given inductor value, minimum input voltage, output voltage and maximum load
transient, a maximum ESR and a minimum COUT value can be set. The ESR and COUT values
also affect the static output voltage ripple. In the worst case the output voltage ripple can be
calculated with the following formula:
Usually the voltage drop due to the ESR is the biggest one while the drop due to the capacitor
discharge is almost negligible.
6.3
Input capacitors
The input capacitors have to sustain the RMS current flowing through them, that is:
Where D is the duty cycle. The equation reaches its maximum value, IOUT/2 with D = 0.5. The
losses in worst case are:
ESR
Iout
Vout
ESR
⋅
∆
=
∆
(7)
)
max
min
,
(
2
2
Vout
D
Vin
Cout
L
Iout
Vout
COUT
−
⋅
⋅
⋅
⋅
∆
=
∆
(8)
Vout
Cout
L
Iout
Vout
COUT
⋅
⋅
⋅
∆
=
∆
2
2
(9)
)
8
1
(
Fsw
Cout
ESR
I
Vout
L
⋅
⋅
+
⋅
∆
=
∆
(10)
)
1
(
D
D
Iout
Irms
−
⋅
⋅
=
(11)
2
)
5
.
0
(
Iout
ESR
P
⋅
⋅
=
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com