Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 1 Page - STMicroelectronics

  L6730D Datasheet HTML 1Page - STMicroelectronics L6730D Datasheet HTML 2Page - STMicroelectronics L6730D Datasheet HTML 3Page - STMicroelectronics L6730D Datasheet HTML 4Page - STMicroelectronics L6730D Datasheet HTML 5Page - STMicroelectronics L6730D Datasheet HTML 6Page - STMicroelectronics L6730D Datasheet HTML 7Page - STMicroelectronics L6730D Datasheet HTML 8Page - STMicroelectronics L6730D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Target Specification
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
June 2006
Rev 2
1/50
50
L6730C
L6730D
Adjustable step-down controller with synchronous rectification
Features
■ Input voltage range from 1.8V to 14V
■ Supply voltage range from 4.5V to 14V
■ Adjustable output voltage down to 0.6V with
±0.8% accuracy over line voltage and
temperature (0°C~125°C)
■ Fixed frequency voltage mode control
■ TON lower than 100ns
■ 0% to 100% duty cycle
■ Selectable 0.6V or 1.2V internal voltage
reference
■ External input voltage reference
■ Soft-start and inhibit
■ High current embedded drivers
■ Predictive anti-crossconduction control
■ Selectable UVLO threshold (5V or 12V bus)
■ Programmable high-side and low-side RDS(on)
sense over-current-protection
■ Switching frequency programmable from
100KHz to 1MHz
■ Master/slave synchronization with 180° phase
shift
■ Pre-bias start up capability (L6730C)
■ Selectable source/sink or source only
capability after soft-start (L6730C)
■ Selectable constant current or hiccup mode
overcurrent protection after soft-start (L6730D)
■ Power good output with programmable delay
■ Over voltage protection with selectable
latched/not-latched mode
■ Thermal shut-down
■ Package: HTSSOP20, QFN4x4 24L
Applications
■ High performance / high density DC-DC
modules
■ Low voltage distributed DC-DC
■ niPOL converters
■ DDR memory supply
■ DDR memory bus termination supply
HTSSOP20
QFN 4x4 24L
www.st.com
Order Codes
Part number
Package
Packing
L6730CQ
QFN4x4 24L
Tube
L6730CQTR
QFN4x4 24L
Tape & Reel
L6730C
HTSSOP20
Tube
L6730CTR
HTSSOP20
Tape & Reel
L6730D
HTSSOP20
Tube
L6730DTR
HTSSOP20
Tape & Reel


Similar Part No. - L6730D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
L6730B STMICROELECTRONICS-L6730B Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6730B STMICROELECTRONICS-L6730B Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
L6730BTR STMICROELECTRONICS-L6730BTR Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
More results

Similar Description - L6730D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
26-Jun-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com