Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 18Page - STMicroelectronics L6730D Datasheet HTML 19Page - STMicroelectronics L6730D Datasheet HTML 20Page - STMicroelectronics L6730D Datasheet HTML 21Page - STMicroelectronics L6730D Datasheet HTML 22Page - STMicroelectronics L6730D Datasheet HTML 23Page - STMicroelectronics L6730D Datasheet HTML 24Page - STMicroelectronics L6730D Datasheet HTML 25Page - STMicroelectronics L6730D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Device description
L6730C - L6730D
22/50
The L6730D can always sink current and so the OVP will operate always in advance. The
device realizes the over-current-protection (OCP) sensing the current both on the high-side
MOSFET(s) and the low-side MOSFET(s) and so 2 current limit thresholds can be set (see
OCH pin and OCL pin in Table 3: Pins connection):
●
Peak Current Limit
●
Valley Current Limit
The Peak Current Protection is active when the high-side MOSFET(s) is turned on, after an
adjustable masking time (see Chapter 5.10 on page 25). The valley-current-protection is
enabled when the low-side MOSFET(s) is turned on after a fix masking time of about 400ns. If,
when the soft-start phase is completed, an over current event occurs during the on time (peak-
current-protection) or during the off time (valley-current-protection) the device enters in
HICCUP mode (L6730C): the high-side and low-side MOSFET(s) are turned off, the soft-start
capacitor is discharged with a constant current of 10µA and when the voltage at the SS pin
reaches 0.5V the soft-start phase restarts. During the soft-start phase the OCP provides a
constant-current-protection. If during the TON the OCH comparator triggers an over current the
high-side MOSFET(s) is immediately turned-off (after the masking time and the internal delay)
and returned-on at the next pwm cycle. The limit of this protection is that the Ton can’t be less
than masking time plus propagation delay (see Chapter 5.9: Adjustable masking time on
page 25) because during the masking time the peak-current-protection is disabled. In case of
very hard short circuit, even with this short TON, the current could escalate. The valley-current-
protection is very helpful in this case to limit the current. If during the off-time the OCL
comparator triggers an over current, the high-side MOSFET(s) is not turned-on until the current
is over the valley-current-limit. This implies that, if it is necessary, some pulses of the high-side
MOSFET(s) will be skipped, guaranteeing a maximum current due to the following formula:
In constant current protection a current control loop limits the value of the error amplifier’s
output (comp), in order to avoid its saturation and thus recover faster when the output returns in
regulation. Figure 16. shows the behaviour of the device during an over current condition that
persists also in the soft-start phase.
Figure 15. OVP with sink disabled: delay on the OVP operation.
126%
VOUT
VFB
LGate
MIN
ON
VALLEY
MAX
T
L
Vout
Vin
I
I
,
⋅
−
+
=
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com