Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 37Page - STMicroelectronics L6730D Datasheet HTML 38Page - STMicroelectronics L6730D Datasheet HTML 39Page - STMicroelectronics L6730D Datasheet HTML 40Page - STMicroelectronics L6730D Datasheet HTML 41Page - STMicroelectronics L6730D Datasheet HTML 42Page - STMicroelectronics L6730D Datasheet HTML 43Page - STMicroelectronics L6730D Datasheet HTML 44Page - STMicroelectronics L6730D Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
L6730C - L6730D
I/O Description
41/50
SYNCH
This pin is connected to the synch pin of the controller (see Chapter 5.11 on page 26).
PWRGD
This pin is connected to the PGOOD pin of the controller.
DIP SWITCH
Different positions of the dip switch correspond to different settings of the multifunction pin
(S/O/U) (CC/O/U).
Table 11.
Dip switch
UVLO
OVP
SINK CC
Vsou/VCCDR
DIP SWITCH
STATE
5V
Not Latched
Not
0
S7
A
5V
Not Latched
Yes
0.2
S1-S7
B
5V
Latched
Not
0.3
S2-S7
C
5V
Latched
Yes
0.4
S3-S7
D
12V
Not Latched
Not
0.5
S4-S7
E
12V
Not Latched
Yes
0.6
S5-S7
F
12V
Latched
Not
0.7
S6-S7
G
12V
Latched
Yes
1
S1
H
Table 10.
I/O Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com