Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730D Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6730D
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6730D Datasheet HTML 28Page - STMicroelectronics L6730D Datasheet HTML 29Page - STMicroelectronics L6730D Datasheet HTML 30Page - STMicroelectronics L6730D Datasheet HTML 31Page - STMicroelectronics L6730D Datasheet HTML 32Page - STMicroelectronics L6730D Datasheet HTML 33Page - STMicroelectronics L6730D Datasheet HTML 34Page - STMicroelectronics L6730D Datasheet HTML 35Page - STMicroelectronics L6730D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Application details
L6730C - L6730D
32/50
6.4
Compensation network
The loop is based on a voltage mode control (Figure 26.). The output voltage is regulated to the
internal/external reference voltage and scaled by the external resistor divider. The error
amplifier output VCOMP is then compared with the oscillator triangular wave to provide a pulse-
width modulated (PWM) with an amplitude of VIN at the PHASE node. This waveform is filtered
by the output filter. The modulator transfer function is the small signal transfer function of VOUT/
VCOMP. This function has a double pole at frequency FLC depending on the L-Cout resonance
and a zero at FESR depending on the output capacitor’s ESR. The DC Gain of the modulator is
simply the input voltage VIN divided by the peak-to-peak oscillator voltage: VOSC.
The compensation network consists in the internal error amplifier, the impedance networks ZIN
(R3, R4 and C20) and ZFB (R5, C18 and C19). The compensation network has to provide a
closed loop transfer function with the highest 0dB crossing frequency to have fastest transient
response (but always lower than fSW/10) and the highest gain in DC conditions to minimize the
load regulation error. A stable control loop has a gain crossing the 0dB axis with -20dB/decade
slope and a phase margin greater than 45°. To locate poles and zeroes of the compensation
networks, the following suggestions may be used:
●
Modulator singularity frequencies:
●
Compensation network singularity frequencies:
Figure 26. Compensation network
ZFB
ZIN
Cout
L
LC
⋅
=
1
ω
(13)
Cout
ESR
ESR
⋅
=
1
ω
(14)
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
⋅
⋅
=
19
18
19
18
5
1
1
C
C
C
C
R
P
ω
(15)
20
4
2
1
C
R
P
⋅
=
ω
(16)
19
5
1
1
C
R
Z
⋅
=
ω
(17)
()
4
3
20
2
1
R
R
C
Z
+
⋅
=
ω
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com