Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 3Page - STMicroelectronics STA323W Datasheet HTML 4Page - STMicroelectronics STA323W Datasheet HTML 5Page - STMicroelectronics STA323W Datasheet HTML 6Page - STMicroelectronics STA323W Datasheet HTML 7Page - STMicroelectronics STA323W Datasheet HTML 8Page - STMicroelectronics STA323W Datasheet HTML 9Page - STMicroelectronics STA323W Datasheet HTML 10Page - STMicroelectronics STA323W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
STA323W
Description
7/71
Figure 2.
Channel signal flow diagram through the digital core
1.2
EQ processing
Two channels of input data (re-sampled if necessary) at 96 kHz are provided to the EQ
processing block. In these blocks, up to four user-defined Biquads can be applied to each of
the two channels.
Pre-scaling, DC-blocking high-pass, de-emphasis, bass, and tone control filters can also be
implemented by means of configuration parameter settings.
The entire EQ block can be bypassed for all channels simultaneously by setting the DSPB
bit to '1'. The CxEQBP bits can also be used to bypass the EQ functionality on a per channel
basis. Figure 3 shows the internal signal flow through the EQ block.
Figure 3.
Channel signal flow diagram through the EQ block
Channel
mapping
Re-sampling
ED
processing
I2S
input
Mix
DDX
Crossover
filter
Volume
limiter
4x
Interp
DDX
output
pre-scale
High pass
BQ#1
Re-sampled
input
Treble
Bass
filter
To
mix
filter
BQ#2
BQ#3
BQ#4
De-
emphasis
filter
If CxTCB = 0
BTC: bass boost/cut
TTC: treble boost/cut
If DEMP = 1
4 biquads
User defined if AMEQ = 00
Perset EQ if AMEQ = 01
Auto loudness if AMEQ = 10
If HPB= 0
If DSPB = 0 and CxEQB = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com