Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 45Page - STMicroelectronics STA323W Datasheet HTML 46Page - STMicroelectronics STA323W Datasheet HTML 47Page - STMicroelectronics STA323W Datasheet HTML 48Page - STMicroelectronics STA323W Datasheet HTML 49Page - STMicroelectronics STA323W Datasheet HTML 50Page - STMicroelectronics STA323W Datasheet HTML 51Page - STMicroelectronics STA323W Datasheet HTML 52Page - STMicroelectronics STA323W Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
STA323W
Register descriptions
49/71
Setting AMEQ to any value, other than 00, enables automode EQ. When set, biquads 1-4
are not user programmable. Any coefficient settings for these biquads is ignored. Also when
automode EQ is used the pre-scale value for channels 1 and 2 becomes hard-set to –18 dB.
Register – automode AM/pre-Scale/bass management scale (address 0x0C)
Table 52.
Automode volume
AMV (1,0)
Mode (MVOL)
00
MVOL 0.5dB 256 steps (standard)
01
MVOL auto curve 30 steps
10
MVOL auto curve 40 steps
11
MVOL auto curve 50 steps
Table 53.
Auto mode gain compression/limiters
AMGC (1...0)
Mode
00
User programmable GC
01
AC no clipping
10
AC limited clipping (10%)
11
DRC night time listening mode
Table 54.
AMPS – automode auto pre scale
Bit
R/W
RST
Name
Description
0R/W
0
AMPS
Auto Mode Pre-Scale
0 – -18 dB used for pre-scale when AMEQ /= 00
1 – User defined pre-scale when AMEQ /= 00
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
0
000
000
0
Table 55.
Automode AM switching enable
Bit
R/W
RST
Name
Description
0
R/W
0
AMAME
0: switching frequency determined by PWMS setting
1: switching frequency determined by AMAM settings
3…1 R/W
000
AMAM (2…0)
Default: 000
Table 56.
Auto mode AM switching frequency selection
AMAM (2..0)
48 kHz/96 kHz input Fs
44.1 kHz/88.2 kHz input Fs
000
0.535 MHz – 0.720 MHz
0.535 MHz – 0.670 MHz
001
0.721 MHz – 0.900 MHz
0.671 MHz – 0.800 MHz
010
0.901 MHz – 1.100 MHz
0.801 MHz – 1.000 MHz
011
1.101 MHz – 1.300 MHz
1.001 MHz – 1.180 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com