Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 39Page - STMicroelectronics STA323W Datasheet HTML 40Page - STMicroelectronics STA323W Datasheet HTML 41Page - STMicroelectronics STA323W Datasheet HTML 42Page - STMicroelectronics STA323W Datasheet HTML 43Page - STMicroelectronics STA323W Datasheet HTML 44Page - STMicroelectronics STA323W Datasheet HTML 45Page - STMicroelectronics STA323W Datasheet HTML 46Page - STMicroelectronics STA323W Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
STA323W
Register descriptions
43/71
7.6
Configuration register E (address 0x04)
7.6.1
Max power correction variable
By enabling MPC and setting MPCV = 1, the max power correction becomes variable. By
adjusting the MPCC registers (address 0x27-0x28) it is possible to adjust the THD at
maximum unclipped power to a lower value for a particular application.
7.6.2
Max power correction
Setting the MPC bit corrects the power device at high power. This mode lowers the THD+N
of the full DDX® system at, and slightly below, maximum power output.
7.6.3
AM mode enable
The STA323W features a DDX® processing mode that minimizes the amount of noise
generated in the frequency range of AM radio. This mode is intended for use when DDX® is
operating in a device with an active AM tuner. The SNR of the DDX® processing is reduced
to ~83 dB in this mode, which is still greater than the SNR of AM radio.
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
RES
PWMS
AME
RES
MPC
MPCV
000
0
0
0
0
0
Table 36.
Max power correction variable
Bit
R/W
RST
Name
Description
0R/W
0
MPCV
0: use standard MPC coefficient
1: use MPCC bits for MPC coefficient
Table 37.
Max power correction
Bit
R/W
RST
Name
Description
7R/W
1
MPC
0: MPC disabled
1: MPC enabled
Table 38.
AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0
AME
0: normal DDX® operation
1: AM reduction mode DDX® operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com