Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 32Page - STMicroelectronics STA323W Datasheet HTML 33Page - STMicroelectronics STA323W Datasheet HTML 34Page - STMicroelectronics STA323W Datasheet HTML 35Page - STMicroelectronics STA323W Datasheet HTML 36Page - STMicroelectronics STA323W Datasheet HTML 37Page - STMicroelectronics STA323W Datasheet HTML 38Page - STMicroelectronics STA323W Datasheet HTML 39Page - STMicroelectronics STA323W Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
Register descriptions
STA323W
36/71
7.1.3
Thermal warning recovery bypass
If the thermal warning adjustment is enabled (TWAB=0), then the thermal warning recovery
determines if the adjustment is removed when thermal warning is negative. If TWRB=0 and
TWAB=0, then, when a thermal warning disappears, the gain adjustment determined by the
thermal warning post-scale (default = -3 dB) is removed and the gain is applied to the
system. If TWRB=1 and TWAB=0, then when a thermal warning disappears, the thermal
warning post-scale gain adjustment remains until TWRB is changed to zero or the device is
reset.
7.1.4
Thermal warning adjustment bypass
The STA323W on-chip power output block provides feedback to the digital controller by the
power control block inputs. The TWARN input is used to indicate a thermal warning
condition. When TWARN is active (set to 0 for a period greater than 400 ms) the power
control block forces an adjustment to the modulation limit in an attempt to eliminate the
thermal warning condition. Once the thermal warning volume adjustment is applied,
whether the gain is reapplied when TWARN is inactive, depends on the TWRB bit.
7.1.5
Fault detect recovery bypass
The DDX power block provides feedback to the digital controller using inputs to the power
control block. The FAULT input is used to indicate a fault condition (either over-current or
thermal). When FAULT is active (set to 0), the power control block attempts a recovery from
the fault by activating the tri-state output (setting it to 0 which directs the power output block
to begin recovery). It holds it at 0 for period of time in the range of 0.1 ms to 1 second as
defined by the Fault-Detect Recovery Constant register (FDRC registers 29-2Ah), then
toggles it back to 1. This sequence is repeated as long as the fault indication exists. This
feature is enabled by default but can be bypassed by setting the FDRB control bit to 1.
Table 17.
Thermal warning recovery bypass
Bit
R/W
RST
Name
Description
5R/W
1
TWRB
0: Thermal warning Recovery enabled
1: Thermal warning Recovery disabled
Table 18.
Thermal warning adjustment bypass
Bit
R/W
RST
Name
Description
6R/W
1
TWAB
0: thermal warning adjustment enabled
1: thermal warning adjustment disabled
Table 19.
Fault detect recovery bypass
Bit
R/W
RST
Name
Description
7R/W
0
FDRB
0: fault detector recovery enabled
1: fault detector recovery disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com