Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 10Page - STMicroelectronics STA323W Datasheet HTML 11Page - STMicroelectronics STA323W Datasheet HTML 12Page - STMicroelectronics STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
Electrical characteristics
STA323W
14/71
3
Electrical characteristics
Note:
VDD3 = 3.3V ± 0.3V; Tamb = 25°C; unless otherwise specified.
Note:
1
The leakage currents are generally very small < 1na. The values given here are maximum
after an electrostatic stress on the pin.
2
Human body model.
Table 8.
General interface electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Iil
Low level input no pull-up
Vi = 0V
1
µA1
Iih
High level input no
pull-down
Vi = VDD3
2
µA1
IOZ
Tristate output leakage
without pull-up/down
Vi = VDD3
2
µA1
Vesd
Electrostatic protection
Leakage < 1
µA
2000
V
2
Table 9.
DC electrical characteristics: 3.3 V buffers
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIL
Low level Input voltage
0.8
V
VIH
High level Input voltage
2.0
V
Vhyst
Schmitt trigger hysteresis
0.4
V
Vol
Low level output
IoI = 2mA
0.15
V
Voh
High level output
Ioh = -2mA
VDD -0.15
V
Table 10.
Power electrical characteristics (VL = 3.3 V; Vcc = 30 V; Tamb = 25 °C
unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id=1 A
200
270
m
Ω
Idss
Power Pchannel/Nchannel
leakage Idss
Vcc=35 V
50
µA
gN
Power Pchannel RdsON
matching
Id=1 A
95
%
gP
Power Nchannel RdsON
matching
Id=1 A
95
%
Dt_s
Low current dead time
(static)
See test circuit no.1; see
Figure 12
10
20
ns
td ON
Turn-on delay time
Resistive load
100
ns
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load
25
ns
tf
Fall time
Resistive load; as Figure 12
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com