Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 44Page - STMicroelectronics STA323W Datasheet HTML 45Page - STMicroelectronics STA323W Datasheet HTML 46Page - STMicroelectronics STA323W Datasheet HTML 47Page - STMicroelectronics STA323W Datasheet HTML 48Page - STMicroelectronics STA323W Datasheet HTML 49Page - STMicroelectronics STA323W Datasheet HTML 50Page - STMicroelectronics STA323W Datasheet HTML 51Page - STMicroelectronics STA323W Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
Register descriptions
STA323W
48/71
7.9
Automode registers
7.9.1
Register – automodes EQ, volume, GC (address 0x0B)
Table 49.
Master volume offset as a function of MV (7..0)
MV (7..0)
Volume offset from channel value
00000000 (00h)
0dB
00000001 (01h)
-0.5dB
00000010 (02h)
-1dB
……
01001100 (4Ch)
-38dB
……
11111110 (FEh)
-127dB
11111111 (FFh)
Hard Master Mute
Table 50.
Channel volume as a function of CxV (7..0)
CxV (7..0)
volume
00000000 (0x00)
+48dB
00000001 (0x01)
+47.5dB
00000010 (0x02)
+47dB
……
01100001 (0x5F)
+0.5dB
01100000 (0x60)
0dB
01011111 (0x61)
-0.5dB
……
11111110 (0xFE)
-79.5 dB
11111111 (0xFF)
Hard channel mute
D7
D6
D5
D4
D3
D2
D1
D0
AMPS
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
10
0
0
0
0
0
Table 51.
Automode EQ
AMEQ (1,0)
Mode (Biquad 1-4)
00
User Programmable
01
Preset EQ – PEQ bits
10
Auto Volume Controlled Loudness Curve
11
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com