Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics STA323W Datasheet HTML 17Page - STMicroelectronics STA323W Datasheet HTML 18Page - STMicroelectronics STA323W Datasheet HTML 19Page - STMicroelectronics STA323W Datasheet HTML 20Page - STMicroelectronics STA323W Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
STA323W
Electrical characteristics curves
17/71
4
Electrical characteristics curves
4.1
Output power against supply voltage
Figure 13.
Stereo mode - output power against supply voltage, THD+N = 10%
Figure 13 shows the full-scale output power (0dB FS digital input with unity amplifier gain)
as a function of power supply voltage for 4, 6, and 8
Ω loads in either DDX® mode or binary
full bridge mode. Output power is constrained for higher impedance loads by the maximum
voltage limit of the STA323W and by the over-current protection limit for lower impedance
loads. The minimum threshold for the over-current protection circuit of the STA323W is 4 A
(at 25 ºC) but the typical threshold is 6 A for the device. The solid curves shows the typical
output power capability of the device. The dotted curves shows the output power capability
constrained to the minimum current specification of the STA323W. The output power curves
assume proper thermal management of the power device's internal dissipation.
Figure 14.
Output power vs. supply for stereo bridge (THD+N=1%)
80
70
60
50
40
4 ohm
6 ohm
8ohm
30
20
10
1 0
1 2
1 4
1 6
1 8
2 0
2 2
2 4
2 6
Po w e r S u pp ly Vo lta g e (VD C )
O u tp u t p o w e r (W )
su pp ly vo lta g e (V )
ou tput p o w e r (W ) - B T L 1% T H D
0
10
20
30
40
50
60
10
15
2 0
25
30
16 ohm
8 o h m
6 ohm
4 o h m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com