Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 25Page - STMicroelectronics STA323W Datasheet HTML 26Page - STMicroelectronics STA323W Datasheet HTML 27Page - STMicroelectronics STA323W Datasheet HTML 28Page - STMicroelectronics STA323W Datasheet HTML 29Page - STMicroelectronics STA323W Datasheet HTML 30Page - STMicroelectronics STA323W Datasheet HTML 31Page - STMicroelectronics STA323W Datasheet HTML 32Page - STMicroelectronics STA323W Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
STA323W
Pin descriptions
29/71
5
Pin descriptions
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
The half-bridge PWM outputs 1A, 1B, 2A and 2B provide the inputs signals to the speakers.
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
Driving RESET low sets all outputs low and returns all register settings to their defaults. The
reset is asynchronous to the internal clock.
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
The SDA (I2C Data) and SCL (I2C Clock) pins operate according to the I2C specification
(See Chapter 6 on page 30.) Fast-mode (400 kB/sec.) I2C communication is supported.
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
The phase locked loop power is applied here. This +3.3V supply must be well bypassed and
filtered for noise immunity. The audio performance of the device is critically dependent upon
the PLL circuit.
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
This is the master clock input required for the operation of the digital core. The master clock
must be an integer multiple of the LR clock frequency. Typically, the master clock frequency
is 12.288 MHz (256 * Fs) for a 48kHz sample rate, which is the default at power-up. Do not
over-clock the device (use a frequency higher than that recommended for the system clock)
otherwise it may not operate correctly or be able to communicate.
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
The PLL filter connects to external filter components for PLL loop compensation. Refer to
the schematic diagram Figure 9: Power schematic for 1 mono parallel channel on page 11
for the recommended circuit.
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
The serial or bit clock input is for framing each data bit. The bit clock frequency, using I2S
serial format, is typically 64 * Fs .
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
PCM audio information enters the device here. Six format choices are available including
I2S, left- or right-justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
OUT1A, 1B, 2A and 2B (Pins 16, 10, 9 and 3)
The left/right clock input is for data word framing. The clock frequency is at the input sample
rate Fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com