Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 8Page - STMicroelectronics STA323W Datasheet HTML 9Page - STMicroelectronics STA323W Datasheet HTML 10Page - STMicroelectronics STA323W Datasheet HTML 11Page - STMicroelectronics STA323W Datasheet HTML 12Page - STMicroelectronics STA323W Datasheet HTML 13Page - STMicroelectronics STA323W Datasheet HTML 14Page - STMicroelectronics STA323W Datasheet HTML 15Page - STMicroelectronics STA323W Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Schematics
STA323W
12/71
7
I/O
GND2A
Negative supply
8
I/O
VCC2A
Positive supply
9
O
OUT2A
Output half bridge 2A
10
O
OUT1B
Output half bridge 1B
11
I/O
VCC1B
Positive supply
12
I/O
GND1B
Negative supply
13
I/O.
GND1A
Negative supply
14
N.C.
Not connected
15
I/O
VCC1A
Positive supply
16
O
OUT1A
Output half bridge 1A
17
I/O
GNDCLEAN
Reference ground
18
I/O
GNDREG
Substrate ground
19
I/O
VDD DIGITAL
Logic supply
20
I/O
VL
Logic supply to power section
21
I
CONFIG
Logic levels
22
I
RESET
Reset
23
I
SCL
I²C serial clock
24
I/O
SDA
I²C serial data
25
RES
Reserved
Test pin to be externally connected to ground
26
I
PLL FILTER
Connection to PLL filter
27
I
XTI
PLL input clock
28
I/O
Analog ground
Analog ground
29
I/O
Analog supply
Analog supply 3.3
30
I
SDI_12
I²S serial data channels 1 and 2
31
I/O
LRCKI
I²S left/right clock,
32
I
BICKI
I²S serial clock
33
I/O
Digital ground
Digital ground
34
I/O
Digital supply
Digital supply 3.3 V
35
I/O
VSS digital
5 V regulator referred to +Vcc
36
I/O
VCC digital
5 V regulator referred to ground (signal positive
supply)
Table 4.
Pin description (continued)
Pin
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com