Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT6310A/AH Datasheet HTML 1Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 2Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 3Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 4Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 5Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 6Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 7Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 8Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
3
Ordering Information
Package Type
QUF: UQFN-23L 3x3 (FC) (U-Type)
RT6310
Lead Plating System
G: Richtek Green Policy Compliant
Output Voltage & Protection Option & Mode Option
A: Adjustable & Latched Mode & USM or DEM
(1) (3)
B: 3.3V & Latched Mode & USM or DEM
(1)
C: 5.1V & Latched Mode & USM or DEM
(1)
D: Adjustable & Latched Mode & DEM
(1) (4)
AH: Adjustable & Hiccup Mode & USM or DEM
(2) (3)
BH: 3.3V & Hiccup Mode & USM or DEM
(2)
CH: 5.1V& Hiccup Mode & USM or DEM
(2)
DH: Adjustable & Hiccup Mode & DEM
(2) (4)
Note:
Richtek products are Richtek Green Policy compliant
and compatible with the current requirements of
IPC/JEDEC J-STD-020.
(1) : Latched mode for UVP, OVP and OTP
(2) : Hiccup mode for UVP & Non-latched mode for OVP and
OTP
(3) : Adjustable (13A, 15A or 17A)
(4) : Adjustable (6.5A, 16A or 25.8A)
Marking Information
S4= : Product Code
YMDNN : Date Code
RT6310AGQUF
S4=YM
DNN
TH= : Product Code
YMDNN : Date Code
RT6310AHGQUF
TH=YM
DNN
S3= : Product Code
YMDNN : Date Code
RT6310BGQUF
S3=YM
DNN
SL= : Product Code
YMDNN : Date Code
RT6310BHGQUF
SL=YM
DNN
S2= : Product Code
YMDNN : Date Code
RT6310CGQUF
S2=YM
DNN
SH= : Product Code
YMDNN : Date Code
RT6310CHGQUF
SH=YM
DNN
U4= : Product Code
YMDNN : Date Code
RT6310DGQUF
U4=YM
DNN
U3= : Product Code
YMDNN : Date Code
RT6310DHGQUF
U3=YM
DNN
Pin Configuration
(TOP VIEW)
RT6310A/AH
RT6310D/DH
BOOT
LX
6
11
10
9
8
4
12
5
13
7
1
2
3
14
15
16
17
18
19
20
21
22
23
LX
PGND
PGND
EN/MODE
VIN
VIN
PGND
PGND
RT6310B/BH
BOOT
LX
6
11
10
9
8
4
12
5
13
7
1
2
3
14
15
16
17
18
19
20
21
22
23
LX
PGND
PGND
EN/MODE
VIN
VIN
PGND
PGND
RT6310C/CH
BOOT
LX
6
11
10
9
8
4
12
5
13
7
1
2
3
14
15
16
17
18
19
20
21
22
23
LX
PGND
PGND
EN/MODE
VIN
VIN
PGND
PGND
UQFN-23L 3x3 (FC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com