Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 26Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 27Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 28Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 29Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 30Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 31Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 32Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 33Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
30
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC Bypass Switch
VCC Bypass Switch On-
Resistance
RBYP_VCC
TA = TJ = 25C
--
4.4
--
VCC Bypass Switch
Turn-on Voltage
VBYP_VCC_
ON
4.5
4.7
4.9
V
VCC Bypass Switch
Switchover Hysteresis
0.1
0.2
0.3
V
Thermal Shutdown
Thermal Shutdown
Threshold
TSD
--
150
--
C
Thermal Shutdown
Hysteresis
TSD_HYS
RT6310AH/BH/CH/DH
--
20
--
C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
Devices are ESD sensitive. Handling precautions are recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
For more information about thermal parameter, see the Application and Definition of Thermal Resistances report, AN061.
Note 5.
θJA(EVB), ΨJC(TOP) and ΨJB are measured on a high effective-thermal-conductivity four-layer test board (Richtek EVB)
which is in size of 140mm x 90mm; furthermore, all layers with 1 oz. Cu. Thermal resistance/parameter values may vary
depending on the PCB material, layout, and test environmental conditions.
Note 6.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com