Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 10Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 11Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 12Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 13Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 14Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 15Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 16Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 17Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
14
Input Under-Voltage-Lockout (UVLO)
The
RT6310
provides
an
Under-Voltage-Lockout
(UVLO) function that monitors the input voltage. In order
to protect the device from operating at insufficient input
voltage, the UVLO function inhibits switching when input
voltage drops below the UVLO falling threshold. The IC
resumes switching when input voltage exceeds the
UVLO rising threshold.
Enable Control and Mode Selection
The EN/MODE pin integrates both enable control and
mode
selection
(USM/DEM)
for
RT6310A/AH/B/BH/C/CH, but only provides enable
control for RT6310D/DH. If EN/MODE voltage is less
than 0.23V, the RT6310 is turned off (shutdown). If
EN/MODE
voltage
is
larger
than
0.88V,
the
RT6310D/DH is turned on and the operation mode is
DEM. If EN/MODE voltage ranges from 0.88V to 1.7V,
the RT6310A/AH/B/BH/C/CH is turned on and the
operation mode is USM. Moreover, if EN/MODE voltage
is larger than 2.3V, the RT6310A/AH/B/BH/C/CH is
turned on and the operation mode is DEM. For the
EN/MODE control logic and operation mode selection,
please refer to Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com