Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6310A/AH Datasheet HTML 1Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 2Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 3Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 4Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 5Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 6Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 7Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 8Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
4
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap supply for high-side gate driver. Connect a high quality and low ESR
ceramic capacitor (minimum C = 0.1
F/0603) from BOOT pin to LX pin through a
short and low inductance paths. During the period of low-side MOSFET turn-on,
the bootstrap capacitor is charged by BOOT pin to store required energy for high-
side gate driver. A bootstrap resistor (0603 size,
 10) in series with the bootstrap
capacitor is strongly recommended for reducing the voltage spike at LX node.
2, 3
LX
Switch node of the buck converter is internally connected to the source terminal of
the high-side MOSFET and the drain terminal of the low-side MOSFET. LX is also
used for the internal ramp generation, on-time generation and current detection.
Connect this pin to output inductor and keep the sensitive trace and signals away.
4 to 14
PGND
Ground return from low-side power MOSFET and its driver. Directly soldering to a
large PCB PGND plane and connecting thermal vias under PGND pin are required
to minimize the parasitic impedance and thermal resistance.
15, 16
VIN
Input voltage pin. VIN pin is used to supply the internal bias voltage, VCC and LDO.
Use wide PCB traces and multiple vias to make the connection. Apply at least two
layers for the input trace. Connecting the ceramic capacitor (C = 10
F/0805x2 +
0.1
F/0603x1) as close as possible from VIN pin to PGND pin is necessary.
17
EN/MODE
(RT6310A/AH)
(RT6310B/BH)
(RT6310C/CH)
Enable and operation mode control input. In order to ensure the IC logic status of
turn-on/off, the low logic time length of EN/MODE control signal must be larger than
0.5
s. DO NOT leave this pin floating. RT6310 supports either in diode emulation
mode (DEM) or ultrasonic mode (USM) at light load (Table 1) through setting the
voltage of the EN/MODE pin. Regarding the EN/MODE control logic of RT6310,
please refer to Table 2.
EN/MODE
(RT6310D/DH)
Enable input. In order to ensure the IC logic status of turn-on/off, the low logic time
length of EN/MODE control signal must be larger than 0.5
s. DO NOT leave this
pin floating.
18
PGOOD
Power good indicator is an open-drain output. This pin is pulled low as UVP, OVP,
OTP, EN/MODE low or output voltage is not regulated (such as before soft-start).
An external pull-up resistor to VCC or other external rail is required, and the
recommended pull-up resistor ranges from 10k
 to 100k. Do not pull the PGOOD
voltage higher than 6V.
19
AGND
Ground of internal analog circuitry. AGND must be connected to the PGND plane
through a single point.
20
VCC
Internal LDO output. Used as supply to internal control circuits. DO NOT connect
to any external loads. Connect a high-quality capacitor (C = 1
F/0603) from this
pin to AGND. When the voltage on VCC_EXT (RT6310A/AH/B/BH/D/DH) or VOUT
(RT6310C/CH) pin is higher than "VCC bypass switch turn-on voltage", the VCC
will be internally switchover to VCC_EXT (or VOUT) to reduce power consumption
(refer to Figure 4 and Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com