Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6310A/AH Datasheet HTML 1Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 2Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 3Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 4Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 5Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 6Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 7Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 8Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
2
Simplified Application Circuit
FB
ILMT
VCC_EXT
VIN
EN/MODE
LX
VOUT
VIN
L
CIN
RT6310A/AH
RT6310D/DH
R1
R2
COUT
CFF
PGOOD
BOOT
AGND
PGND
VCC
VCC
CVCC
VILMT
VEN/MODE
VCC_EXT
REXT
CEXT
CBOOT
RBOOT
VPGOOD
FF
*
EN/MODE
VCC_EXT
*
VIN
LX
VOUT
VIN
L
CIN
RT6310B/BH
RT6310C/CH
COUT
CFF
PGOOD
BOOT
AGND
PGND
VCC
VCC
CVCC
VEN/MODE
VCC_EXT
REXT
CEXT
CBOOT
RBOOT
VPGOOD
CLDO3/5
VLDO3/5
LDO3/5
*
VOUT
RT6310B/BH
RT6310C/CH
LDO3/5*(Pin 23)
✓ (LDO3)
✓ (LDO5)
VCC_EXT*(Pin 21)
✓
N/A
FF*(Pin 21)
N/A
✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com