Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 8Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 9Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 10Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 11Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 12Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 13Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 14Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 15Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
12
EN/MODE Input Current vs. EN/MODE Input Voltage
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
22
24
EN/MODE Input Voltage (V)
VIN = 12V
EN/MODE Sink Current
The RT6310 does not allow uncertain voltage on
EN/MODE pin, which may cause the logic or behavior
error on device. In order to prevent the EN/MODE pin
from floating, the RT6310 builds the EN/MODE input
current for eliminating floating voltage on EN/MODE pin.
The characteristic of EN/MODE input current vs
EN/MODE input voltage is shown in Figure 3.
Figure 3. Characteristics of EN/MODE Input Current
Soft-Start
The RT6310 provides an internal soft-start to prevent
large input inrush current and output voltage overshoot.
If EN/MODE voltage and input voltage exceed their
rising thresholds, the soft-start function is activated. The
VFB starts to track the internal reference voltage ranging
from zero to the target.
Valley Current-Limit Setting
The RT6310A/AH/D/DH provides valley current-limit
setting pin to adjust current-limit level. When both "VIN
rises to its UVLO rising threshold" and "EN/MODE is
activated" are satisfied and kept for 600
s, the RT6310
determines and locks the current-limit level according to
the voltage on the ILMT pin. Beside the previous
described timing behavior, any change of valley current-
limit status is invalid. The valley current-limit setting level
is selected as follows :
RT6310A/AH
⚫
13A : Connect ILMT pin to PGND.
⚫
15A : Leave ILMT pin floating/open.
⚫
17A : Connect ILMT pin to 5V.
RT6310D/DH
⚫
6.5A : Connect ILMT pin to PGND.
⚫
16A : Leave ILMT pin floating/open.
⚫
25.8A : Connect ILMT pin to 5V.
Valley Current Limit
The RT6310 features a cycle-by-cycle valley current
limit for avoiding the large output current and overheat.
The device cycle-by-cycle compares the valley current
of the inductor with the valley current-limit threshold.
The output current is limited to the sum of the valley
current and a half of ripple current when valley current
of inductor reaches valley current-limit threshold.
After the device completes the minimum off-time and
keeps ON state of low-side MOSFET, the inductor
valley current level is monitored by measuring the low-
side MOSFET voltage between the LX pin and PGND
pin during the ON state of low-side MOSFET. During the
ON state of low-side MOSFET, the measured low-side
MOSFET voltage is proportional to the low-side
MOSFET current. In order to improve the accuracy of
measured current, the temperature compensation
circuit is built internally.
In order to prevent the device from over current, if the
measured low-side MOSFET current is higher than
valley current-limit threshold, the device remains ON
state of the low-side MOSFET and the one-shot on-time
timer is inhibited until its current linearly decreases
lower than valley current-limit threshold. Once the low-
side MOSFET current is below valley current-limit
threshold, the next one-shot on-time timer is permitted
to generate. The circuit of the cycle-by-cycle valley
current limit works in every switching cycle.
Peak Current Limit
The RT6310 with a cycle-by-cycle peak current limit
prevents the device from inductor saturation or any
possibility of damage caused by too much output inrush
current. The device cycle-by-cycle compares the peak
current of the inductor with the peak current-limit
threshold.
After the device finishes the minimum on-time timer and
remains ON state of high-side MOSFET, the inductor
peak current level is monitored by sensing the high-side
MOSFET voltage between the VIN pin and LX pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com