Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 30Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 31Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 32Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 33Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 34Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 35Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 36Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 37Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
34
Switching Frequency vs. Output Current
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
Output Current (A)
RT6310B/BH, L = 1.5
H,
VOUT = 3.3V, EN/MODE = 5V,
Diode Emulation Mode
VIN = 7.4V
VIN = 12V
VIN = 19V
Typical Operating Characteristics
Efficiency vs. Output Current
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
Output Current (A)
RT6310A/AH/D/DH, L = 0.68
H, VOUT = 1.05V,
EN/MODE = 5V, VCC_EXT = 5V,
Diode Emulation Mode
VIN = 7.4V
VIN = 12V
VIN = 19V
Efficiency vs. Output Current
75
80
85
90
95
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 12V
VIN = 19V
RT6310B/BH, L = 1.5
H, VOUT = 3.3V,
EN/MODE = 5V, VCC_EXT = 5V,
Diode Emulation Mode
Efficiency vs. Output Current
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 12V
VIN = 19V
RT6310C/CH, L = 1.5
H, VOUT = 5.1V,
EN/MODE = 5V, Diode Emulation Mode
Switching Frequency vs. Output Current
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 12V
VIN = 19V
RT6310A/AH/D/DH, L = 0.68
H,
VOUT = 1.05V, EN/MODE = 5V,
Diode Emulation Mode
Switching Frequency vs. Output Current
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
Output Current (A)
RT6310C/CH, L = 1.5
H,
VOUT = 5.1V, EN/MODE = 5V,
Diode Emulation Mode
VIN = 7.4V
VIN = 12V
VIN = 19V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com