Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 33Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 34Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 35Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 36Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 37Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 38Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 39Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 40Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 41Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
37
RT6310B/BH, VIN = 12V, EN/MODE = 5V,
Load Transient Response
Time (50
s/Div)
VOUT
(100mV/Div)
LX
(10V/Div)
IOUT
(5A/Div)
VOUT = 3.3V, IOUT = 1A to 10A
RT6310C/CH, VIN = 12V, EN/MODE = 5V,
VOUT = 5.1V, IOUT = 1A to 10A
Load Transient Response
Time (50
s/Div)
VOUT
(200mV/Div)
LX
(10V/Div)
IOUT
(5A/Div)
RT6310B/BH VIN = 12V,
Over Current Limit
Time (10
s/Div)
VOUT
(1V/Div)
IL
(10A/Div)
LX
(10V/Div)
EN/MODE = 5V,
VOUT = 3.3V
RT6310B, VIN = 12V, EN/MODE = 5V,
VOUT = 3.3V, No Load
VOUT OVP with Latched Mode
Time (20
s/Div)
VOUT
(1V/Div)
LX
(5V/Div)
PGOOD
(5V/Div)
RT6310B, VIN = 12V,
VOUT UVP with Latched Mode
Time (10
s/Div)
VOUT
(1V/Div)
LX
(10V/Div)
PGOOD
(5V/Div)
EN/MODE = 5V,
VOUT = 3.3V
RT6310BH, VIN = 12V
VOUT OVP with Non-Latched Mode
Time (1ms/Div)
VOUT
(3V/Div)
LX
(5V/Div)
PGOOD
(5V/Div)
VOUT = 3.3V,
IOUT = 50mA
EN/MODE = 5V,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com