Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 27Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 28Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 29Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 30Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 31Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 32Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 33Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 34Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6310-04
August 2023
www.richtek.com
31
Typical Application Circuit
RBOOT* : RBOOT is reserved for option. RBOOT must be less than 10.
FB
ILMT
VCC_EXT
VIN
EN/MODE
LX
VOUT
VIN
L
CIN
RT6310A/AH
RT6310D/DH
4.5V to 23V
10
μFx2
0.1
μFx1
0.68
μH
R1
30.9k
R2
41.2k
COUT
22
μFx6
1.05V/10A
CFF
15, 16
PGOOD
BOOT
AGND
PGND
VCC
VCC
CVCC
1
μF
VILMT
VEN/MODE
VCC_EXT
REXT
CEXT
4.7
μF
CBOOT
0.1
μF
RBOOT*
0
VPGOOD
2, 3
4 to 14
17
22
20
19
23
18
1
21
100k
RPGOOD
CEN/MODE
0.1
μF
68pF
1.1
VOUT
LDO3
VCC_EXT
VIN
EN/MODE
LX
VOUT
VIN
L
CIN
RT6310B/BH
4.5V to 23V
1.5
μH
COUT
22
μFx4
3.3V/10A
15, 16
PGOOD
BOOT
AGND
PGND
VCC
VCC
CVCC
1
μF
VEN/MODE
VCC_EXT
REXT
CEXT
4.7
μF
CBOOT
0.1
μF
RBOOT*
0
VPGOOD
2, 3
4 to 14
17
21
20
19
23
18
1
22
CLDO3
10
μF
VLDO3
3.3V/100mA
CEN/MODE
0.1
μF
100k
RPGOOD
10
μFx2
0.1
μFx1
1.1
RBOOT* : RBOOT is reserved for option. RBOOT must be less than 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com