Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310A/AH Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT6310A/AH
Description  10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6310A/AH Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT6310A/AH Datasheet HTML 6Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 7Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 8Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 9Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 10Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 11Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 12Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 13Page - Richtek Technology Corporation RT6310A/AH Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
RT6310
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6310-04
August 2023
10
Operation
The RT6310 is a high efficiency synchronous step-down
converter with integrated MOSFETs. The RT6310
utilizes the proprietary Advanced Constant On-Time
(ACOT® ) control architecture providing vary fast
transient response. The ultra-fast ACOT®
control
enables the use of small output capacitance and
optimizes
the component size
without additional
compensation network.
During normal operation, the high-side MOSFET turns
on with a fixed one-shot on-time timer after the
beginning of each clock cycle. The inductor current
linearly increases when high-side MOSFET turns on
and low-side MOSFET turns off. Similarly, the inductor
current linearly decreases when high-side MOSFET
turns off and low-side MOSFET turns on. The voltage
ripple on the output has similar shape to the inductor
current due to the output capacitor ESR.
The feedback voltage ripple comparing with an internal
reference is caught by feedback resistor network. When
a fixed minimum off-time timer is timeout and the
inductor valley current is below the valley current-limit
threshold, the fixed one-shot one-time timer is triggered
if the feedback voltage falls below the feedback
reference voltage. Therefore, the output voltage is
regulated through the previously mentioned principle.
ACOT® Control Architecture
In order to achieve good stability with low-ESR ceramic
capacitors, ACOT® uses a virtual inductor current ramp
generated inside the IC. The internal ramp signal
replaces the ESR ramp normally provided by the output
capacitor's ESR. The ramp signal and other internal
compensations are optimized for low-ESR ceramic
output capacitors.
Conventional COT control implements the on-time timer
proportional to VOUT and inversely proportional to VIN to
achieve pseudo-fixed frequency with wide VIN range. A
fixed on-time timer of conventional COT control has no
compensation for the voltage drop of the MOSFETs and
inductor during higher load condition.
In order to compensate the voltage drop of MOSFETs
and inductor without influencing the fast transient
behavior of the COT topology, a frequency locked loop
system with slowly adjusting on-time timer is further
added to the ACOT® control.
Average Output Voltage Control Loop
In continuous conduction mode, conventional COT
control has DC offset between VFB(average) and VREF as
shown in Figure 1. In order to cancel the DC offset, the
RT6310 provides an average output voltage control
loop to adjust the comparator input VREF. Hence, the
VFB(average) always follows the designed value. The
control loop efficiently improves the load and line
regulation without affecting the transient performance.
DC offset
VFB(average)
VREF
Figure 1. Conventional COT Control Loop Operation
High Voltage Conversion Ratio Function
In conventional COT control, the maximum duty cycle is
limited by the minimum off-time. RT6310 provides a
feature of increasing the on-time function (up to 15
s)
to extend the maximum duty cycle of 2S battery
applications.
Diode Emulation Mode (DEM)
Diode emulation mode is selected by the EN/MODE
voltage level. The device enters diode emulation mode
when EN/MODE voltage is greater than 2.3V. In diode
emulation
mode,
the
RT6310
automatically
and
smoothly reduces switching frequency at light-load
conditions. As the output current decreases from heavy
load to light load, the inductor current is naturally
reduced. Once the valley point of inductor current
touches to zero during decreasing output current, the
behavior is boundary mode between continuous
conduction and discontinuous conduction mode. In
order to emulate the behavior of free-wheeling diode,
the device only allows partial negative current flow from
drain to source of the low-side MOSFET when inductor
free-wheeling current becomes negative.
During decreasing output current, the discharge time of
the output capacitor is gradually longer. When the
voltage on output capacitor is lower than the reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com