Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 39Page - Texas Instruments TAS5504_06 Datasheet HTML 40Page - Texas Instruments TAS5504_06 Datasheet HTML 41Page - Texas Instruments TAS5504_06 Datasheet HTML 42Page - Texas Instruments TAS5504_06 Datasheet HTML 43Page - Texas Instruments TAS5504_06 Datasheet HTML 44Page - Texas Instruments TAS5504_06 Datasheet HTML 45Page - Texas Instruments TAS5504_06 Datasheet HTML 46Page - Texas Instruments TAS5504_06 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
TAS5504 Controls and Status
36
SLES123 − October 2004
TAS5504
When BKND_ERR is low, the TAS5504 brings the PWM outputs 1−6 to a backend error state, while not
affecting any other internal settings or operations. Table 2−4 shows the device output signal states during
backend error.
Table 2−4. Device Outputs During Backend Error
SIGNAL
SIGNAL STATE
Valid
Low
PWM P-outputs
M-State − low
PWM M-outputs
M-State − low
HPPWM P-outputs
M-State − low
HPPWM M-outputs
M-State − low
SDA
Signal Input (not driven)
2.2.4 Speaker / Headphone Selector (HP_SEL)
The HP_SEL terminal enables the headphone output or the speaker outputs. The headphone output receives
the processed data output from DAP and PWM channels 1 and 2.
When low, the headphone output is enabled. In this mode the speaker outputs are disabled. When high, the
speaker outputs are enabled and the headphone is disabled.
Changes in the pin logic level results in a state change sequence using soft mute to the hard mute (M) state
for both speaker and headphone followed by a soft unmute.
When HP_SEL is low, the configuration of channels 1 and 2 are defined by the headphone configuration
register. When HP_SEL is high, the channel 1 and 2 configuration registers define the configuration of
channels 1 and 2.
2.2.5 Mute (MUTE)
The mute control provides a noiseless volume ramp to silence. Releasing mute provides a noiseless ramp
to previous volume. The TAS5504 has both a master and individual channel mute commands. A terminal is
also provided for the master MUTE. The low active master Mute I2C register and the MUTE terminal are
logically Or’ed together. If either is set to low, a mute on all channels is performed. The master mute command
operates on all channels.
When MUTE is invoked, the PWM output stops switching and then goes to an idle state.
The master Mute terminal is used to support a variety of other operations in the TAS5504, such as setting the
inter-channel delay, the biquad coefficients, the serial interface format, and the clock rates. A mute command
by the master mute terminal, individual I2C mute, the AM interference mute sequence, the bank switch mute
sequence, or automute overrides an unmute command or a volume command. While a mute is active, the
commanded channels will be placed in a mute state. When a channel is unmuted, it goes to the last
commanded volume setting that has been received for that channel.
2.3
Device Configuration Controls
The TAS5504 provides a number of system configuration controls that are set at initialization and following
a reset.
•
Channel Configuration
•
Headphone Configuration
•
Audio System Configurations
•
Recovery from Clock Error
•
Power Supply Volume Control Enable
•
Volume and Mute Update Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com