Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 86 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 82Page - Texas Instruments TAS5504_06 Datasheet HTML 83Page - Texas Instruments TAS5504_06 Datasheet HTML 84Page - Texas Instruments TAS5504_06 Datasheet HTML 85Page - Texas Instruments TAS5504_06 Datasheet HTML 86Page - Texas Instruments TAS5504_06 Datasheet HTML 87Page - Texas Instruments TAS5504_06 Datasheet HTML 88Page - Texas Instruments TAS5504_06 Datasheet HTML 89Page - Texas Instruments TAS5504_06 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
Serial Control Interface Register Definitions
80
SLES123 − October 2004
TAS5504
6.27 Volume Biquad Register (0xCF)
Each gain coefficient is in 28-bit (5.23) format so 0x800000 is a gain of 1. Each gain coefficient is written as
a 32-bit word with the upper four bits not used.
Table 6−32. Volume Biquad Register Format (Default = All-pass)
DESCRIPTION
REGISTER FIELD CONTENTS
DEFAULT GAIN COEFFICIENT VALUES
DESCRIPTION
REGISTER FIELD CONTENTS
DECIMAL
HEX
bo Coefficient
0U (31:28), b0 (27:24), b0 (23:16), b0 (15:8), b0 (7:0)
1.0
0x00, 0x80, 0x00, 0x00
b1 Coefficient
U (31:28), b1 (27:24), b1 (23:16), b1 (15:8), b1 (7:0)
0.0
0x00, 0x00, 0x00, 0x00
b2 Coefficient
U (31:28), b2 (27:24), b2 (23:16), b2 (15:8), b2 (7:0)
0.0
0x00, 0x00, 0x00, 0x00
a1 Coefficient
0U (31:28), a1 (27:24), a1 (23:16), a1 (15:8), a1 (7:0)
0.0
0x00, 0x00, 0x00, 0x00
a2 Coefficient
U (31:28), a2 (27:24), a2 (23:16), a2 (15:8), a2 (7:0)
0.0
0x00, 0x00, 0x00, 0x00
6.28 Volume Treble and Bass Slew Rates (0xD0)
Table 6−33. Volume Gain Update Rate (Slew Rate)
D31−D10
D9
D8
FUNCTION
0
0
0
512 step update at 4 Fs, 42.6 ms at 48 kHz
0
0
1
1024 step update at 4 Fs, 85.3 ms at 48 kHz
0
1
0
2048 step update at 4 Fs, 170 ms at 48 kHz
0
1
1
2048 step update at 4 Fs, 170 ms at 48 kHz
Table 6−34. Treble and Bass Gain Step Size (Slew Rate)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No operation
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
0
Minimum rate – Updates every 0.083 ms (every LRCLK at 48 kHz)
0
0
1
0
0
0
0
0
Update ever 0.67 ms (32 LRCLKs at 48 kHz)
0
0
1
1
1
1
1
1
Default rate − Updates every 1.31 ms (63 LRCLKs at 48 kHz). This is the
maximum constant time that can be set for all sample rates.
1
1
1
1
1
1
1
1
Minimum rate – Updates every 5.08 ms (every 255 LRCLKs at 48 kHz)
6.29 Volume Registers (0xD1, 0xD2, 0xD7, and 0xD8)
Channels 1, 2, 3, and 4 are mapped into registers 0xD1, 0xD2, 0xD7, and 0xD8.
Master volume is mapped into register 0xD9.
Bits D31 − D12 are Don’t Care.
Table 6−35. Volume Registers
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Unused bits
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
Unused bits
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
V11
V10
V9
V8
Volume
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
V7
V6
V5
V4
V3
V2
V1
V0
Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com