Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 90 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 86Page - Texas Instruments TAS5504_06 Datasheet HTML 87Page - Texas Instruments TAS5504_06 Datasheet HTML 88Page - Texas Instruments TAS5504_06 Datasheet HTML 89Page - Texas Instruments TAS5504_06 Datasheet HTML 90Page - Texas Instruments TAS5504_06 Datasheet HTML 91Page - Texas Instruments TAS5504_06 Datasheet HTML 92Page - Texas Instruments TAS5504_06 Datasheet HTML 93Page - Texas Instruments TAS5504_06 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
Serial Control Interface Register Definitions
84
SLES123 − October 2004
TAS5504
6.33 Treble Filter Index (0xDD)
Index values above 0x24 are invalid.
Table 6−43. Treble Filter Index Register
I2C
SUBADDRESS
TOTAL BYTES
REGISTER
NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
0xDD
Treble filter index (TFI)
4
Ch4_TFI (31:24), NONE (23:16), NONE (15:8),
Ch321_TFI (7:0)
0x12,0x12,0x12,0x12
Table 6−44. Treble Filter Index
TREBLE INDEX VALUE
ADJUSTMENT (DB)
TREBLE INDEX VALUE
ADJUSTMENT (DB)
0x00
+18
0x13
−1
0x01
+17
0x14
−2
0x02
+16
0x15
−3
0x03
+15
0x16
−4
0x04
+14
0x17
−5
0x05
+13
0x18
−6
0x\06
+12
0x19
−7
0x07
+11
0x1A
−8
0x08
+10
0x1B
−9
0x09
+9
0x1C
−10
0x0A
+8
0x1D
−11
0x0B
+7
0x1E
−12
0x0C
+6
0x1F
−13
0x0D
+5
0x20
−14
0x0E
+4
0x21
−15
0x0F
+3
0x22
−16
0x10
+2
0x23
−17
0x11
+1
0x24
−18
0x12
0
6.34 AM Mode Register (0xDE)
Bits D31−D21 are Don’t Care.
Table 6−45. AM Mode Register
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Unused bits
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
−
−
−
−
AM mode disabled
1
−
−
−
−
AM mode enabled
−
0
0
−
−
Select sequence 1
−
0
1
−
−
Select sequence 2
−
1
0
−
−
Select sequence 3
−
1
1
−
−
Select sequence 4
−
−
−
0
−
IF frequency 455
−
−
−
1
−
IF frequency 262.5
−
−
−
−
0
Use BCD tuned frequency
−
−
−
−
1
Use binary tuned frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com