Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 64 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 60Page - Texas Instruments TAS5504_06 Datasheet HTML 61Page - Texas Instruments TAS5504_06 Datasheet HTML 62Page - Texas Instruments TAS5504_06 Datasheet HTML 63Page - Texas Instruments TAS5504_06 Datasheet HTML 64Page - Texas Instruments TAS5504_06 Datasheet HTML 65Page - Texas Instruments TAS5504_06 Datasheet HTML 66Page - Texas Instruments TAS5504_06 Datasheet HTML 67Page - Texas Instruments TAS5504_06 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
Serial Control I2C Register Summary
57
SLES123 − October 2004
TAS5504
5
Serial Control I2C Register Summary
The TAS5504 slave address is 0x36. See the Serial Control I2C Register Bit Definitions chapter for complete
bit definitions.
Note that u indicates unused bits.
I2C
SUBADDRESS
TOTAL
BYTES
REGISTER FIELDS
DESCRIPTION OF CONTENTS
DEFAULT STATE
0x00
1
Clock control register
Set data rate and MCLK frequency
1. Fs = 48 kHz
2. MCLK = 256 Fs = 12.288 MHz
0x01
1
General status register
Clip indicator and ID code for the
TAS5504
0x01
0x02
1
Error status register
PLL, SCLK, LRCLK, and frame slip
errors
No errors
0x03
1
System control register 1
PWM high pass, clock set, un-mute
select, PSVC select
1. PWM high pass disabled
2. Auto clock set
3. Hard un-mute on clock error
recovery
4. PSVC HIZ disable
0x04
1
System control register 2
Automute and de-emphasis control
1. Automute timeout disable
2. Post-DAP detection automute
enabled
3. 4-Ch device input detection
automute enabled
4. Un-mute threshold 6 dB over input
5. No de-emphasis
0x05 – 0x06
1
Channel configuration registers Configure channels 1 and 2
1. Enable backend reset
2. Valid low for reset
3. Valid low for mute
4. Normal BEPolarity
5. Don’t remap the output for the
TAS5182
6. Don’t go low-low in mute
7. Don’t remap Hi-Z state to
low-low state
0x07 – 0x0A
Reserved
0x0B – 0x0C
Channel configuration registers Configure channels 3 and 4
1. Enable backend reset2. Valid
low for reset3. Valid low for mute4.
Normal BEPolarity5. Don’t remap
the output for the TAS51826. Don’t
go low-low in mute7. Don’t remap
Hi-Z state to low-low state
0x0D
1
Headphone configuration
register
Configure headphone output
1. Disable backend reset sequence
2 Valid does not have to be low for
reset
3. Valid does not have to be low for
mute
4. Normal BEPolarity
5. Don’t remap output to comply
with 5182
6. Don’t go low-low in mute
7. Don’t remap Hi−Z state to
low-low state
0x0E
1
Serial data interface register
Set serial data interface to right
justified, I2S, or left justified
24-bit I2S
0x0F
1
Soft mute register
Soft mute for channels 1, 2, 3, and 4
Un-mute all channels
0x10 – 0x13
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com