Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 15Page - Texas Instruments TAS5504_06 Datasheet HTML 16Page - Texas Instruments TAS5504_06 Datasheet HTML 17Page - Texas Instruments TAS5504_06 Datasheet HTML 18Page - Texas Instruments TAS5504_06 Datasheet HTML 19Page - Texas Instruments TAS5504_06 Datasheet HTML 20Page - Texas Instruments TAS5504_06 Datasheet HTML 21Page - Texas Instruments TAS5504_06 Datasheet HTML 22Page - Texas Instruments TAS5504_06 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
Introduction
11
SLES123 − October 2004
TAS5504
Coeff = 0 (lin)
(I2C 0x4F)
(I2C 0x50)
Coeff = 1 (lin)
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 1
(I2C 0x41)
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 2
(I2C 0x42)
IP Mixer 3
(I2C 0x47)
IP Mixer 4
(I2C 0x48)
Coeff = 0 (lin)
(I2C 0x4A)
Coeff = 0 (lin)
(I2C 0x49)
Coeff = 0 (lin)
(I2C 0x4C)
Coeff = 1 (lin)
(I2C 0x4D)
Coeff = 0 (lin)
(I2C 0x4B)
Coeff = 0 (lin)
(I2C 0x4E)
SDIN1−L(L)
SDIN1−R (R)
SDIN2−L (LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R (RBS)
SDIN4−L (C)
SDIN4−R (LFE)
Bass &
Treble 1
(0xDA−
0xDD)
L to
PWM1
OP Mixer 1
(I2C 0xAA)
4X2 Output
Mixer
7 DAP1
BQ
(0x51−
0x57)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 1
(0xDA−
0xDD)
R to
PWM2
OP Mixer 2
(I2C 0xAB)
Mixer
7 DAP2
BQ
(0x58−
0x5E)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 1
(0xDA−
0xDD)
C to
PWM3
OP Mixer 3
(I2C 0xB0)
Mixer
5 DAP3
BQ
(0x7D−
0x81)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 4
(0xDA−
0xDD)
Sub to
PWM4
OP Mixer 4
(I2C 0xB1)
Mixer
5 DAP4
BQ
(0x84−
0x88)
Loud−
ness
(0x91−
0x95)
DRC2
(0x9D−
0xA1)
2 DAP3
BQ
(0x7B−
0x7C)
2 DAP4
BQ
(0x82−
0x83)
DAP1
Volume
(0xD1)
Master Vol
(0xD9)
DAP2
Volume
(0xD2)
Master Vol
(0xD9)
DAP3
Volume
(0xD7)
Master Vol
(0xD9)
DAP4
Volume
(0xD8)
Master Vol
(0xD9)
Max Vol
Max Vol
Max Vol
Max Vol
Default Input is BOLD
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L (LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R (RBS)
SDIN4−L (C)
SDIN4−R (LFE)
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L(LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R(RBS)
SDIN4−L(C)
SDIN4−R (LFE)
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L(LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R(RBS)
SDIN4−L (C)
SDIN4−R(LFE)
4X2 Output
4X2 Output
4X2 Output
Figure 1−2. TAS5504 DAP Architecture With I2C Registers (Fs ≤ 96 kHz)
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 1
(I2C 0x41)
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 2
(I2C 0x42)
IP Mixer 3
(I2C 0x47)
IP Mixer 4
(I2C 0x48)
SDIN1−Lt (L)
SDIN1−Rt (R)
SDIN2−Lt (LS)
SDIN2−Rt (RS)
SDIN3−Lt (LBS)
SDIN3−Rt (RBS)
SDIN4−Lt (C)
SDIN4−Rt (LFE)
SDIN1−Lt (L)
SDIN1−Rt (R)
SDIN2−Lt (LS)
SDIN2−Rt (RS)
SDIN3−Lt (LBS)
SDIN3−Rt (RBS)
SDIN4−Lt (C)
SDIN4−Rt (LFE)
SDIN1−Lt (L)
SDIN1−Rt (R)
SDIN2−Lt (LS)
SDIN2−Rt (RS)
SDIN3−Lt (LBS)
SDIN3−Rt (RBS)
SDIN4−Lt (C)
SDIN4−Rt (LFE)
SDIN1−Lt (L)
SDIN1−Rt (R)
SDIN2−Lt (LS)
SDIN2−Rt (RS)
SDIN3−Lt (LBS)
SDIN3−Rt (RBS)
SDIN4−Lt (C)
SDIN4−Rt (LFE)
Bass &
Treble 1
(0xDA−
0xDD)
L to
PWM1
OP Mixer 1
(I2C 0xAA)
Mixer
7 DAP1
BQ
(0x51−
0x57)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 1
(0xDA−
0xDD)
R to
PWM2
OP Mixer 2
(I2C 0xAB)
Mixer
7 DAP2
BQ
(0x58−
0x5E)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
C to
PWM3
OP Mixer 3
(I2C 0xB0)
Mixer
Bass &
Treble 4
(0xDA−
0xDD)
Sub to
PWM4
OP Mixer 4
(I2C 0xB1)
Mixer
7 DAP4
BQ
(0x82−
0x88)
Loud−
ness
(0x91−
0x95)
DRC2
(0x9D−
0xA1)
DAP1
Volume
(0xD1)
Master Vol
(0xD9)
DAP2
Volume
(0xD2)
Master Vol
(0xD9)
DAP4
Volume
(0xD8)
Master Vol
(0xD9)
Max Vol
Max Vol
Max Vol
Master Vol
(0xD9)
4X2 Output
4X2 Output
4X3 Output
4X3 Output
Figure 1−3. TAS5504 Architecture With I2C Registers (Fs = 176.4 kHz or Fs = 192 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com