Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 14Page - Texas Instruments TAS5504_06 Datasheet HTML 15Page - Texas Instruments TAS5504_06 Datasheet HTML 16Page - Texas Instruments TAS5504_06 Datasheet HTML 17Page - Texas Instruments TAS5504_06 Datasheet HTML 18Page - Texas Instruments TAS5504_06 Datasheet HTML 19Page - Texas Instruments TAS5504_06 Datasheet HTML 20Page - Texas Instruments TAS5504_06 Datasheet HTML 21Page - Texas Instruments TAS5504_06 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
Introduction
10
SLES123 − October 2004
TAS5504
Table 1−2. TAS5504 Audio Processing Feature Sets
FEATURE
32 − 96 kHz FOUR CHANNEL FEATURE SET
176.4 AND 192 kHz THREE CHANNEL
FEATURE SET
Signal processing channels
4
3
Pass through channels
N/A
1
Master volume
One for four channels
One for three channels
Individual channel volume
controls
4
3
Bass and treble tone controls
Two bass and treble tone controls with ±18-dB range,
programmable corner frequencies, and 2nd order slopes
L, R, and C (Ch 1, Ch 2, and Ch 3)
Sub (Ch 4)
Two bass and treble tone controls with
±18-dB range, programmable corner
frequencies, and 2nd order slopes
L and R (Ch 1 and Ch 2)
Sub (Ch 4)
Biquads
28
21
Dynamic range compressors
One for three satellites and one for sub
One for two satellites and one for sub
Input output mapping/mixing
Each of the four signal processing channels input can be
any ratio of the eight input channels.
Each of the four outputs can be any ratio of any two
processed channels.
Each of the three signal processing channels
or the one pass though channels inputs can
be any ratio of the eight input channels.
Each of the four outputs can be any ratio of
any of the three processed or one bypass
channels.
DC blocking filters
(implemented in the PWM
Section)
Four channels
Digital de-emphasis
(implemented in the PWM
Section)
Four channels for 32 kHz, 44.1 kHz, and 48 kHz
N/A
Loudness
Four channels
Three channels
Number of coefficient sets
stored
Three additional coefficient sets can be stored in memory
1.4
TAS5504 DAP Architecture
1.4.1 TAS5504 DAP Architecture Diagrams
Figure 1−2 shows the TAS5504 DAP architecture for Fs = 96 kHz. Note the TAS5504 bass management
architecture shown in channels 1, 2, 3, and 4. Note that the I2C registers are shown to help the designer
configure the TAS5504.
Figure 1−3 shows the TAS5504 architecture for Fs = 176.4 kHz or Fs = 192 kHz. Note that only channels 1,
2, and 4 contain all the features. Channel 3 is pass-through except for master volume control.
Figure 1−4 shows TAS5504 detailed channel processing. The output mixer is 4X2 for channels 1−2 and 4X3
for channels 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com