Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 91 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 87Page - Texas Instruments TAS5504_06 Datasheet HTML 88Page - Texas Instruments TAS5504_06 Datasheet HTML 89Page - Texas Instruments TAS5504_06 Datasheet HTML 90Page - Texas Instruments TAS5504_06 Datasheet HTML 91Page - Texas Instruments TAS5504_06 Datasheet HTML 92Page - Texas Instruments TAS5504_06 Datasheet HTML 93Page - Texas Instruments TAS5504_06 Datasheet HTML 94Page - Texas Instruments TAS5504_06 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
Serial Control Interface Register Definitions
85
SLES123 − October 2004
TAS5504
Table 6−46. AM Tuned Frequency Register in BCD Mode (Lower 2 Bytes of 0xDE)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
B0
−
−
−
−
BCD frequency (1000s kHz)
−
−
−
−
B3
B2
B1
B0
BCD frequency (100s kHz)
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
B3
B2
B1
B0
−
−
−
−
BCD frequency (10s kHz)
−
−
−
−
B3
B2
B1
B0
BCD frequency (1s kHz)
0
0
0
0
0
0
0
0
Default value
Table 6−47. AM Tuned Frequency Register in Binary Mode (Lower 2 Bytes of 0xDE)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
B10
B9
B8
Binary frequency (upper 3 bits)
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
B7
B6
B5
B4
B3
B2
B1
B0
Binary frequency (lower 8 bits)
0
0
0
0
0
0
0
0
Default value
6.35 PSVC Range Register (0xDF)
Bits D31−D2 are zero.
Table 6−48. PSVC Range Register
D31 – D2
D1
D0
FUNCTION
0
0
0
12.04-dB control range for PSVC
0
0
1
18.06-dB control range for PSVC
0
1
0
24.08-dB control range for PSVC
0
1
1
Ignore − retain last value
6.36 General Control Register (0xE0)
Bits D31−D4 are zero. Bit D0 is Don’t Care.
Table 6−49. General Control Register
D31 – D4
D3
D2
D1
D0
FUNCTION
0
0
−
−
Power supply volume control disable
0
1
−
−
Power supply volume control enable
0
0
−
−
−
Subwoofer part of PSVC
0
1
−
−
−
Subwoofer separate from PSVC
6.37 Incremental Multiple Write Append Register (0xFE)
This is a special register used to append data to a previously opened register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com