Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 5Page - Texas Instruments TAS5504_06 Datasheet HTML 6Page - Texas Instruments TAS5504_06 Datasheet HTML 7Page - Texas Instruments TAS5504_06 Datasheet HTML 8Page - Texas Instruments TAS5504_06 Datasheet HTML 9Page - Texas Instruments TAS5504_06 Datasheet HTML 10Page - Texas Instruments TAS5504_06 Datasheet HTML 11Page - Texas Instruments TAS5504_06 Datasheet HTML 12Page - Texas Instruments TAS5504_06 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Introduction
1
SLES123 − October 2004
TAS5504
1
Introduction
The TAS5504 is a four channel digital pulse width modulator (PWM) that provides both advanced performance
and a high level of system integration. The TAS5504 is designed to interface seamlessly with most audio digital
signal processors. The TAS5504 automatically adjusts control configurations in response to clock and data
rate changes and idle conditions. This enables the TAS5504 to provide an easy to use control interface with
relaxed timing requirements.
The TAS5504 can drive four channels of H-bridge power stages. Texas Instruments H-bridge parts TAS5111,
TAS5112, or TAS5182 + FETs are designed to work seamlessly with the TAS5504. The TAS5504 supports
both single-ended or bridge tied load configurations. The TAS5504 also provides a high performance
differential output to drive an external differential input analog headphone amplifier (such as the TPA112).
The TAS5504’s uses an AD modulation operating at a 384-kHz switching rate for 48-, 96-, and 192-kHz data.
The 8x over sampling combined with the 5th order noise shaper provides a broad flat noise floor and excellent
dynamic range from 20 Hz to 20 kHz.
The TAS5504 is clock slave only device. The TAS5504 receives MCLK, SCLK and LRCLK from other system
components. The TAS5504 accepts master clock rates of 128, 192, 256, 384, 512, and 768 Fs. The TAS5504
accepts a 64-Fs bit clock.
The TAS5504 allows for extending the dynamic range by providing a power supply volume control (PSVC)
output signal.
DRC
0
Det
7
Biquads
Soft
Tone
Soft
Vol
Loud
Comp
PWM
DC
Block
De−
Emph
Interpo−
late
SRC
NS
DRC
0
Det
7
Biquads
Soft
Tone
Soft
Vol
Loud
Comp
DRC
0
Det
7
Biquads
Soft
Tone
Soft
Vol
Loud
Comp
DRC
0
Det
7
Biquads
Soft
Tone
Soft
Vol
Loud
Comp
PWM
DC
Block
De−
Emph
Interpo−
late
SRC
NS
PWM
DC
Block
De−
Emph
Interpo−
late
SRC
NS
PWM
DC
Block
De−
Emph
Interpo−
late
SRC
NS
Volume
Control
PSVC
Control
Serial
Control
I/F
Power Supply
SCL
SDA
SDIN4
SDIN3
SDIN2
SDIN1
MCLK
XTL_OUT
XTL_IN
PLL_FLTM
PLL_FLTP
OSC_CAP
SCLK
LRCLK
/RESET
/PDN
/MUTE
/HP_SEL
/BKND_ERR
PWM_HPPR
PWM_HPMR
PWM_HPPL
PWM_HPML
PWM_P_1
PWM_M_1
PWM_M_4
PWM_P_2
PWM_M_2
PWM_P_3
PWM_M_3
PWM_P_4
VALID
PSVC
Digital Audio Processor
PWM Section
8
42
4
2
2
44
5
Figure 1−1. TAS5504 Functional Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com