Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 69 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 65Page - Texas Instruments TAS5504_06 Datasheet HTML 66Page - Texas Instruments TAS5504_06 Datasheet HTML 67Page - Texas Instruments TAS5504_06 Datasheet HTML 68Page - Texas Instruments TAS5504_06 Datasheet HTML 69Page - Texas Instruments TAS5504_06 Datasheet HTML 70Page - Texas Instruments TAS5504_06 Datasheet HTML 71Page - Texas Instruments TAS5504_06 Datasheet HTML 72Page - Texas Instruments TAS5504_06 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
Serial Control Interface Register Definitions
63
SLES123 − October 2004
TAS5504
6
Serial Control Interface Register Definitions
Unless otherwise noted, the I2C register default values are in bold font.
Note that u indicates unused bits.
6.1
Clock Control Register (0x00)
Bit D1 is Don’t Care.
Table 6−1. Clock Control Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
−
−
−
−
32-kHz data rate
0
0
1
−
−
−
−
38-kHz data rate
0
1
0
−
−
−
−
44.1-kHz data rate
0
1
1
−
−
−
−
48-kHz data rate
1
0
0
−
−
−
−
88.2-kHz data rate
1
0
1
−
−
−
−
96-kHz data rate
1
1
0
−
−
−
−
176.4-kHz data rate
1
1
1
−
−
−
−
192-kHz data rate
−
−
−
0
0
0
MCLK frequency = 64
−
−
−
0
0
1
MCLK frequency = 128
−
−
−
0
1
0
MCLK frequency = 192
−
−
−
0
1
1
MCLK frequency = 256
−
−
−
1
0
0
MCLK frequency = 384
−
−
−
1
0
1
MCLK frequency = 512
−
−
−
1
1
0
MCLK frequency = 768
−
−
−
1
1
1
Reserved
−
−
−
−
−
−
1
Clock register is valid (read only)
−
−
−
−
−
−
0
Clock register is not valid (read only)
6.2
General Status Register 0 (0x01)
Table 6−2. General Status Register (0x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
−
−
−
−
−
−
−
Clip indicator
−
1
−
−
−
−
−
−
Bank switching busy
−
−
0
0
0
0
0
1
Identification code for TAS5504
6.3
Error Status Register (0x02)
Note that the error bits are sticky bits that are not cleared by the hardware. This means that the software must
clear the register (write zeroes) and than read them to determine if there are any persistent errors.
Table 6−3. Error Status Register (0X02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
−
−
−
−
−
−
−
PLL phase lock error
−
1
−
−
−
−
−
−
PLL auto lock error
−
−
1
−
−
−
−
−
SCLK error
−
−
−
1
−
−
−
−
LRCLK error
−
−
−
−
1
−
−
−
Frame slip
0
0
0
0
0
0
0
0
No errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com