Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 20Page - Texas Instruments TAS5504_06 Datasheet HTML 21Page - Texas Instruments TAS5504_06 Datasheet HTML 22Page - Texas Instruments TAS5504_06 Datasheet HTML 23Page - Texas Instruments TAS5504_06 Datasheet HTML 24Page - Texas Instruments TAS5504_06 Datasheet HTML 25Page - Texas Instruments TAS5504_06 Datasheet HTML 26Page - Texas Instruments TAS5504_06 Datasheet HTML 27Page - Texas Instruments TAS5504_06 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
Introduction
16
SLES123 − October 2004
TAS5504
Similarly, the TAS5504 carries additional precision in the form of overflow bits to permit the value of
intermediate calculations to exceed the input precision without clipping. The TAS5504 advanced digital audio
processor achieves both of these important performance capabilities by using a high performance digital audio
processing architecture with a 48-bit data path, 28-bit filter coefficients, and a 76-bit accumulator.
1.5
Input Crossbar Mixer
The TAS5504 has a full 8x4 input crossbar mixer. This mixer permits each signal processing channel input
to be any ratio of any of the eight input channels. The control parameters for the input crossbar mixer are
programmable via the I2C interface. See the Input Mixer Register (0x41−0x48, channels 1−8) section.
SUM
Gain Coefficient
28
48
Input 1
Gain Coefficient
28
48
Input 2
Gain Coefficient
28
48
Input 8
48
48
48
Figure 1−12. Input Crossbar Mixer
1.6
Biquad Filters
For 32-kHz to 96-kHz data, the TAS5504 provides 28 biquads across the four channels (seven per channel)
For 176.4-kHz and 192-kHz data, the TAS5504 has 21 biquads across the three channels (seven per
channel). All of the biquad filters are second order direct form I structure.
The direct form I structure provides a separate delay element and mixer (gain coefficient) for each node in the
biquad filter. Each mixer output is a signed 76-bit product of a signed 48-bit data sample (25.23 format number)
and a signed 28-bit coefficient (5.23 format number). The 76-bit ALU in the TAS5504 allows the 76-bit
resolution to be retained when summing the mixer outputs (filter products).
The five 28-bit coefficients for the each of the 28 biquads are programmable via the I2C interface. See
Table 1−3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com