Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
IP101G
Data Sheet
18/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
IP101GR/GRI
Pin no.
Label
Type
Reset
Description
State
3
X2
O
O
25MHz Crystal Output:
Connects to crystal to provide
the 25MHz output. It must be left open when X1 is driven
with an external 25MHz oscillator.
2
X1
I
I
25MHz Crystal Input:
Connects to crystal to provide the
25MHz crystal input. If a 25MHz oscillator is used,
connect X1 to the oscillator’s output. If a 50MHz clock is
applied to pin10 TXCLK/50M_CLKI, X1 must be
connected to GND.
32
RESET_N
I
I
(PU)
RESET_N:
Enable a low status signal will reset the chip.
For a complete reset function. 25MHz clock (x1) must be
active for a minimum of 10 clock cycles before the rising
edge of RESET_N. Chip will be able to operate after
2.5ms delay of the rising edge of RESET_N. The 2.5ms
extension is to ensure the stability of system power.
25
ISET
I
I
Bandgap
Circuit
Resistor:
This pin should be
connected to GND via a 6.19KΩ (1%) resistor to define
the standard current of the internal circuit.
11
LED0/PHY_AD0
O/LI
Hi-Z LED 0 and PHY Address [0]
LED 0
LED mode
1
2
LED0 Link
Link /ACT(blinking)
12
LED3/PHY_AD3
O/LI
(PD)
Hi-Z LED 3 and PHY Address [3]
LED3
LED mode
1
2
LED3 100M Link /ACT
100M Link
24
TEST_ON
I
(PD)
I
(PD)
Test Enable:
Set this pin to high to enable Test mode.
For normal operation, this pin doesn’t need to be
connected.
Power and Ground
28
REGOUT
P
P
Regulator Power Output:
This is a regulator power
output. A 10uF and 0.1uF should be connected to this pin
to filter the power noise.
13
VDDIO
P
P
Digital Power input:
IP101GR/GRI: Either 3.3V or 2.5V for I/O power supply.
31
AVDD33
P
P
3.3V Analog power input:
This is a 3.3V power supply
for analog circuitry, and it should be decoupled carefully.
Bottom
PAD
GND
P
P
Ground
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com