Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
IP101G
Data Sheet
Page
Register
Description
Default
Note
17
17
PHY WOL+ Status Register
0x0000
18
17
RX Counter Interrupt Control/Status Register
0x0000
Register descriptions
R/W = Read/Write, SC = Self-Clearing, RO = Read Only, LL = Latching Low, LH = Latching High
(TP): for twisted pair operation. (FX): for fiber operation.
(e-fuse): only available for IP101G (dice).
4.1 Register Page mode Control Register
MII register 20
PHY
MII
ROM
R/W
Description
Default
Page Control Register
--
20[4:0]
--
R/W Reg16~31_Page_Sel[4:0]
Register Page Select
0x10
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
4.2 MII Registers
Bit
Name
Description/Usage
Default value
(h): 3100
Register 0 : Control Register
15
Reset
When set, this action will bring both status and control registers
of the PHY to default state. This bit is self-clearing.
1 = Software reset
0 = Normal operation
0, RW/SC
14
Loopback
This bit enables loopback of transmit data to the receive data
path, i.e., TXD to RXD.
1 = enable loopback
0 = normal operation
0, RW
13
Speed Selection
This bit sets the speed of transmission.
1 = 100Mbps
0 = 10Mbps
After completing auto-negotiation, this bit will reflect the speed
status.(1: 100Mbps, 0: 10Mbps)
1, RW
12
Auto-
Negotiation
Enable
This bit determines the auto-negotiation function.
1 = enable auto-negotiation; bits 13 and 8 will be ignored.
0 = disable auto-negotiation; bits 13 and 8 will determine the link
speed and the data transfer mode, under this condition.
1, RW (TP)
0, RO (FX)
11
Power Down
This bit will turn down the power of the PHY chip and the internal
crystal oscillator circuit if this bit is enabled. The MDC and MDIO
are still activated for accessing to the MAC.
1 = power down
0 = normal operation
0, RW
10
Isolate
1=electrically Isolate PHY from MII but not isolate MDC and
MDIO
0,RW
20/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com