Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 52Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 53Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 54Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 55Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 56Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 57Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 58Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 59Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
IP101G
Data Sheet
56/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
7
Electrical Characteristics
7.1 Absolute Maximum Rating
Stresses exceed those values listed under Absolute Maximum Ratings may cause permanent damage to
the device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage…………………………………….....................
-0.3V to 3.63V
Input Voltage……………………………………………………...
-0.3V to 3.63V
Output Voltage……………………………………………………
-0.3V to 3.63V
Storage Temperature…………………………………………….
-65
°C to 150°C
Ambient Operating Temperature (Ta) for IP101G/GR/GA……
0
°C to 70°C
Ambient Operating Temperature (Ta) for IP101GRI…………..
-40
°C to 85°C
IC Junction Temperature (Tj)……………………………………
0
°C to 125°C
IEC 61000-4-2 Contact Discharge ESD Reliability…………….
±
12KV
IEC 61000-4-2 Air Discharge ESD Reliability…………………..
±
15KV
7.2 DC Characteristics
Table 10 DC Characteristics
Symbol
Specific Name
Minimum Typical
Maximum Condition
REGOUT
Linear regulator output
voltage
1.07V
1.10V
1.18V
DVDD_REGIN Digital core supply voltage
1.07V
1.10V
1.18V
3.135V
3.30V
3.465V
MAC uses 3.3V I/O supply
voltage.
VDDIO
I/O pad supply voltage for
LED, RESETB and MII/RMII
2.375V
2.50V
2.625V
MAC uses 2.5V I/O supply
voltage. Both MAC and
IP101G sides use the same
I/O supply voltage for
MII/RMII.
AVDD33
Analog core supply voltage
3.135V
3.30V
3.465V
Table 11 I/O Electrical Characteristics
Symbol Specific Name
Minimum
Typical
Maximum
Condition
VIH
Input High Voltage
0.8*VDDIO
3.3V +0.5V
VIL
Input Low Voltage
-0.5V
0.2*VDDIO
VOH
Output High Voltage
0.9* VDDIO
VDDIO
VOL
Output Low Voltage
0.1*VDDIO
VIH
X1 Input High Voltage
0.8* AVDD33
AVDD33 +0.5V
VIL
X1 Input Low Voltage
-0.5V
0.2*AVDD33
VRST
RESETB Threshold Voltage
0.4*VDDIO
0.6*VDDIO
VFRC
Fiber Rx common mode Voltage
1.8V
VFRD
Fiber Rx differential mode Voltage 0.4V
VFXSD Fiber signal detect on when plug 2.0V
2.2V
3.3V +0.5V
VFXSD Fiber signal detect on when
unplug
1.3V
1.7V
tjitter
Fiber Jitter on TXOP, TXOM
800ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com