Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
IP101G
Data Sheet
25/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
Register 8 defines more auto-negotiation registers to meet the requirement.
Bit
Name
Description/Usage
Default value
(h):
0000
Register 8 : Auto-Negotiation Link Partner Next Page Register
15
Next Page
Next Page
Received Code Word Bit 15
0, RO
14
Reserved
Acknowledge
Received Code Word Bit 14
0, RO
13
Message Page
Message Page
Received Code Word Bit 13
0, RO
12
Acknowledge 2
Acknowledge 2
Received Code Word Bit 12
0, RO
11
Toggle
Toggle
Received Code Word Bit 11
0, RO
[10:0] Message/Unformatt
ed Field
Message/Unformatted Field
Received Code Word Bit 10:0
0, RO
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
MII page16 register16
page
MII
ROM R/W
Description
Default
UTP PHY Specific Control Register
16[15:14]
RO Reserved
2’b00
16[13]
R/W RMII_V10
This bit combines with RMII_V12 bit for RMII mode settings.
0
16[12]
R/W RMII_V12
RMII_V10 RMII_V12 REPEATER
_MODE
(P16R16[2])
Mode
0
0
X
RMII back to back mode
X
1
1
RMII v1.2 CRS_DV will
toggle at the end
1
0
1
RMII v1.0 CRS_DV will not
toggle at the end
Note 1: “X” indicate don’t care (either 1 or 0).
Note 2: When RMII_v10 or RMII_v12 is selected, page16 reg16
bit2 should be also set to 1 to enable repeater mode. Then
CRS_DV will be asserted only when receive medium is nonidle.
0
16[11]
R/W AUTO_MDIX_DIS
Set high to disable the automatic switch of MDI and MDI-X
modes. For details, please refer to section 4 Auto-MDIX
function description.
0
16[10]
R/W Reserved
0
16
16[9]
R/W JABBER_ENABLE
Jabber function enable at 10Base-T
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com