Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 38Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 39Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 40Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 41Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 42Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 43Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 44Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 45Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
IP101G
Data Sheet
42/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
After MAC passes data to PHY via 4 bits nibbles, the data are serialized in the parallel to serial converter.
The converter outputs NRZI coded data which the data are then mapped to Manchester code within the
Manchester Encoder. Before transmitting to the physical medium, the Manchester coded data are
shaped by D/A converter to fit the physical medium.
10Mbps Receive:
RXI
Squelch
Clock Recovery
Manchester/NRZ Decoder
Serial to Parallel
RXD
The squelch block determines valid data from both AC timing and DC amplitude measurement. When a
valid data is present in the medium, squelch block will generate a signal to indicate the data has received.
The data receive are coded in Manchester form, and are decoded in the Manchester to NRZ Decoder.
Then the data are mapped to 4 bits nibbles and transmitted onto MAC interface.
100Mbps TX Transmit:
TXD
4B/5B Encoder
Scrambler
Mux
Parallel to Serial
NRZI/MLT-3 Encoder
D/A & line
driver
TXO
The major differences between 10Mbps transmission and 100Mbps transmission are that 100Mbps
transmission requires to be coded from 4-bit wide nibbles to 5 bits wide data coding, and after that the
data are scrambled through scrambler to reduce the radiated energy generated by the 4B/5B
conversion.
Then the data is converted into NRZI form and again from NRZI coded form into MLT-3 form. The MLT-3
data form is fed into D/A converter and shaped to fit the physical medium transmission.
100Mbps RX Receive:
RXI
DSP
MLT-3/NRZI Decoder
Clock Recovery
Serial to Parallel
Descrambler
4B/5B
Decoder
RXD
The received data first go through DSP engines which includes adaptive equalizer and base-line wander
correction mechanism. The adaptive equalizer will compensate the loss of signals during the
transmission, while base-line wander monitors and corrects the equalization process. If a valid data is
detected then the data are parallelized in Serial to Parallel block, which it converts NRZI coded data form
back to scrambled data. The scrambled data are descrambled and converted back to 4 bits–wide format
data and then feed into MAC.
5.1.2 MII and Management Control Interface
Media Independent Interface (MII) is described in clause 22 in the IEEE 802.3u standard. The main
function of this interface is to provide a communication path between PHY and MAC/Repeater. It can
operate either in 10Mbps or 100Mbps environment, and operate at 2.5MHz frequency for 10Mbps clock
data rate or 25MHz frequency for 100Mbps data rate transmission. MII consists of 4 bit wide data path for
both transmit and receive. The transmission pins consists of TXD[3:0], TX_EN and TXC, and at receiving
MII pins have RXD[3:0], RXER, RX_DV and RXC. The Management control pins include MDC and
MDIO. MDC, Management Data Clock, provides management data clock period can be to 300ns as a
reference for MDIO, Management Data Input/Output. CRS, Carrier Sense, is used for signaling data
transmission is in process while COL, Collision, is used for signaling the occurrence of collision during
transmission.
Transmitting a packet, MAC will first assert TX_EN and convert the information into 4 bits wide data and
then pass the data to IP101G. IP101G will sample the data according to TX_CLK until TX_EN is low.
While receiving a packet, IP101G asserts RX_DV high when data present in the medium through
RXD[3:0] bus lines. IP101G samples received data according to RX_CLK until the medium is back to idle
state.
The MDI transmitter of IP101G can enter low power idle (LPI) state via TX_ER, TXD[3:0] and TX_EN as
the following behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com