Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 10Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
IP101G
Data Sheet
13/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
IP101GA
Pin no.
Label
Type
Reset
Description
State
In MII mode, TXD[3:0] is synchronous to TXCLK.
In RMII mode, TXD[1:0] is synchronous to 50M_CLKI.
22
RXDV/CRS_DV/
FX_HEN
O/LI
(PD)
I
(PD)
Receive Data Valid or Media Type Selection:
FX_HEN
The input state is latched upon reset to determine
whether TP or fiber interface is selected. If it is at logic
“0” (default) state upon reset, the TP interface is
selected; otherwise the fiber interface is selected.
RXDV/CRS_DV
In MII mode, this pin indicates the Receive Data Valid
function.
In RMII mode, this pin indicates the Carrier Sense and
Receive Data Valid function.
16
RXCLK/
50M_CLKO
O
Hi-Z Receive Clock:
In MII mode, this pin provides 25MHz for 100BT or
2.5MHz for 10BT.
In RMII mode, this pin output a 50 MHz clock for the timing
reference of MAC side.
18,19,
20,21
RXD[3:0]
O
Hi-Z Receive Data:
In MII mode, RXD[3:0] is synchronous to RXCLK.
In RMII mode, RXD[1:0] is synchronous to 50M_CLKI.
24
RXER
O
Hi-Z Receive error:
RXDV
RXER
Description
1
1
Decoding
error
of
the
received signal
0
1
Combine RXD[3:0] equal to
0001
indicates
PHY
is
receiving LPI.
1
0
0
0
Normal operation
This pin RXER is an optional input for MAC/CPU device.
1
COL/RMII
O/LI
(PD)
I
(PD)
Collision Detected:
During the normal operation, this
pin outputs a high status signal it means collision is
detected.
RMII Mode Selection:
During the power on reset, this
pin status is latched to determine what kind MAC
interface will be used. Logic “1” is for RMII mode and
logic “0” is for MII mode.
23
CRS/LEDMOD
O/LI
(PD)
I
(PD)
Carrier Sense:
When signal output from this pin is high
indicates the transmission or reception is in process and
at low status means the line is in idle state.
LEDMOD:
During power on reset, this pin status is
latched to determine which either LED mode 1 or 2 is
selected, please refer to the LED pins description.
Cable Transmission Interface
34,33 MDI_TP
MDI_TN
I/O
I/O
Hi-Z Transmit Output Pair: Differential pair shared by
100Base-TX and 10Base-T modes. When configured as
100Base-TX, output is an MLT-3 encoded waveform.
When configured as 10Base-T, the output is Manchester



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com